Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-BT98 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-BT98
Description  10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-BT98 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-BT98 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-BT98 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-BT98 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-BT98 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-BT98 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-BT98 Datasheet HTML 6Page - Premier Magnetics, Inc. PM-BT98 Datasheet HTML 7Page - Premier Magnetics, Inc. PM-BT98 Datasheet HTML 8Page - Premier Magnetics, Inc. PM-BT98 Datasheet HTML 9Page - Premier Magnetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pmbt 6/98
10 Base-T DUAL
INTERFACE MODULES
TRANSFORMERS & FILTERS
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
0OC TO +70OC
Ê
Available in enhanced or standard design version
Ì
Extended temperature Version *
Ë
235
°C peak infrared reflow temperature rating
Í
Low profile surface mount package
PART
NUMBER
Schematic
PM-BT91
-6.0
-18
-15
-35
-35
-35
-35
-60 -60
-55
-50
-45
1500
H
PM-BT92
-1.0
-18
-15
-35
-30
-35
-35
-60 -60
-55
-50
-45
1500
J
PM-BT93
-6.5
-18
-15
-35
-35
-35
-35
-42 -37
-33
-45
-40
1500
H
PM-BT94
-1.0
-18
-15
-30
-30
-27
-27
-40 -30
-50
-45
1500
K
PM-BT95
-5.5
-18
-15
-30
-30
-30
-35
-35 -30
-55
-50
1500
L
PM-BT96
-6.0
-18
-15
-35
-30
-27
-27
-40 -35
-45
-30
1500
L
PM-BT97
-5.0
-18
-15
-25
-30
-35
-40
-35 -30
-55
-50
1500
L
PM-BT98
-5.0
-18
-15
-25
-30
-35
-40
-35 -30
-55
-50
1500
L
PM-BT99
-1.0
-18
-15
-35
-30
-27
-27
-40 -35
-45
-45
1500
K
Insertion Loss
1 to 10MHz
(dB Max)
Return Loss
1 to 10MHz
(dB Min.)
100
Ω 98 ±13Ω
Crosstalk
to 10MHz
(dB Min.)
5-10Mhz
Attenuation (XMIT)
(dB Min)
30MHz 40MHz 100MHz
Pri to Sec
Isolation
(Vrms Min)
PM-BT91
AMD
61.9
422
61.9
422
1210
49.9
49.9
PM-BT92
Various
N/A
N/A
N/A
N/A
N/A
N/A
N/A
PM-BT93
National
274
66.5
66.5
274
806
49.9
49.9
PM-BT95
National
348
53.6
53.6
348
806
49.9
49.9
PM-BT96
AMD
61.9
422
61.9
422
1210
49.9
49.9
PM-BT97
LSI
390
63.4
390
63.4
N/A
49.9
49.9
PM-BT98
Motorola
39
N/A
39
N/A
N/A
49.9
49.9
IC
Manufacturer
R1
PART
NUMBER
Common Mode Rejection
(dB Min)
5MHz 10MHz 50MHz 100MHz 200MHz
R2
R3
R4
R5
R6
R7
.240
(6.10)
MAX
.015 (.38)
.005 (.12)
.100
(2.54)
TYP
.026
(0.66)
TYP
1.000
(25.40)
MAX
FLAT
.010
(0.25)
TYP
.530 (12.95)
.500 (12.44)
.045 (1.14)
.030 (0.76)
.008R
(0.20)
.390
(9.90)
MAX
.700
(17.78)
PIN #1
I.D.
1
2
3
5
6
7
8
16
15
14
12
11
10
9
4
13
16 x .040 (1.02)
7 x .100 (2.54)
16 x .100 (2.54)
.340 (6.64)
1
16
8
9
RESISTOR VALUE
(Ω)
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCHES (mm)
P
M
PM-BT9xx
YYWW
* Note: For Extended Temperature version (-40
°C to +85°C)
Add "E" at the end of part # example: PM-BTxxxE
SUGGESTED PAD LAYOUT
PM-BT9XX PHYSICALS
PCB LAYOUT


Similar Part No. - PM-BT98

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
PM-BT06 BOTHHAND-PM-BT06 Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
More results

Similar Description - PM-BT98

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FB2022A BOTHHAND-FB2022A Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
PM-BT06 BOTHHAND-PM-BT06 Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
FB2009 BOTHHAND-FB2009 Datasheet
43Kb / 1P
   10 BASE-T INTERFACE MODULES
FB2009A BOTHHAND-FB2009A Datasheet
259Kb / 1P
   10 BASE-T INTERFACE MODULES
logo
Premier Magnetics, Inc.
PM-9001 PMI-PM-9001 Datasheet
83Kb / 2P
   1000 Base-T MODULES ISOLATION TRANSFORMERS WITH FILTERS
logo
Bothhand USA, LP.
FB2022D BOTHHAND-FB2022D Datasheet
255Kb / 1P
   10 BASE-T DUAL INTERFACE MODULES TRANSFORMER & FILTER
FS2009M BOTHHAND-FS2009M Datasheet
180Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES
logo
API Technologies Corp
8231-8239 APITECH-8231-8239 Datasheet
1Mb / 2P
   10 Base-T Surface Mount Interface Modules
logo
Rhombus Industries Inc.
T-13010 RHOMBUS-IND-T-13010 Datasheet
57Kb / 2P
   10 BASE-T Transformers
logo
Pulse A Technitrol Comp...
78Z034CNL PULSE-78Z034CNL Datasheet
141Kb / 2P
   10 BASE-T THROUGH HOLE INTERFACE MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com