Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-IU07 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-IU07
Description  ISDN-U THRU HOLE & SMD ISOLATION TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-IU07 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-IU07 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-IU07 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-IU07 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-IU07 Datasheet HTML 4Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pmiu 06/99
ISDN-U
THRU HOLE & SMD
ISOLATION TRANSFORMERS
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
.100
(2.54)
.028
(0.70)
.520
(13.20)
MAX
.480
(12.19)
MAX
.530
(13.46)
MAX
.010
(0.25)
.52
(13.2)
12
3
4
5
1098
7
6
1
234
5
1098
7
6
PIN #1
WHITE DOT
CORE
TAPED
.787
(20.00)
MAX
.590
(15.00)
MIN
.787
(20.00)
MAX
.028
(0.7)
MIN
!
Matched to Leading Transceiver ICs.
"
Industry Leading SMD Package Designs
#
1500 & 3000Vrms Isolation Voltage
$
IEC60950 2.5 & 5.0mm Creepage Versions
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO +70OC
Package
&
Schematic
PM-IU04
1:1.25
1-4
26-30
6.0
50
6-8
12.0
1500 1811 SMD
PMI-U05
1:1.25
1-5
26-33
8.0
60
9-7
12.0
1500 TS2311
PM-IU06
1:1.50
4-2
27 +5%
10.0
60
9-7
1.7
1500 TS2311
PM-IU072 1:1.25
1-5
26-33
8.0
60
9-7
12.0
3000 TS2318
PM-IU101 1:1.50
5-1
78-88
12.5
90
7-10
13.5
3000 EPC25
PM-IU15
1:1.25
5-1
26-30
15.0
40
6-10
7.5
1500 EP13 SMD
PM-IU16
1:1.50
5-1
26-30
15.0
40
6-10
7.5
1500 EP13 SMD
PM-IU25
1:1.25
6-1
26-33
15.0
65
7-12
7.5
1500 EPC19 SMD
PM-IU26
1:1.50
6-1
26-33
15.0
65
7-12
7.5
1500 EPC19 SMD
PART
NUMBER
TURNS RATIO
(Chip:Line)
SEC:PRI ± 3%
PRIMARY
(Line Side)
PINS
PRIMARY
(Line Side)
OCL mH
RECOMMENDED P.C.B. LAYOUT
Dimensions in inches (mm)
EP13 SMD MECHANICAL
PM-IU15 & PM-IU16
PRIMARY
(Line Side)
DCR
Ω MAX
SECONDARY
(Chip Side)
DCR
Ω MAX
SECONDARY
(Chip Side)
PINS
HI-POT
Vrms
MIN
PRI
DC Bias
mA MAX
NOTES:
PRIMARY (LINE SIDE) LONGITUDINAL BALANCE:1KHZ TO 4KHZ -58db MINIMUM ; 4KHZ TO 160KHZ -60db MINIMUM
1) PM-IU10 & PM-IU11 DESIGNED FOR > 5.0mm Creepage & Clearance
2) PM-IU07 DESIGNED FOR > 2.5mm Creepage & Clearance
P
M
PM-IUXX
YYWW
WHITE DOT
DENOTES PIN #1
1
PRIMARY
(LINE SIDE)
10
6
2
SECONDARY
(CHIP SIDE)
4
5
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#2 TO PIN#4
PRI #1B
PRI #1A
8
SEC #1B
SEC #1A
CLICK ON THE RESPECTIVE PART NUMBER TO DISPLAY A DETAIL DATA SHEET
.800
(20.32)
.150
(3.81)
.050
(1.27)
.100
(2.54)
1
5
10
6


Similar Part No. - PM-IU07

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-IND019 PMI-PM-IND019 Datasheet
45Kb / 3P
   COUPLED INDUCTOR For Uses in ADSL POTS Low Pass Filters
PM-IND019E PMI-PM-IND019E Datasheet
45Kb / 3P
   COUPLED INDUCTOR For Uses in ADSL POTS Low Pass Filters
PM-IND020 PMI-PM-IND020 Datasheet
45Kb / 3P
   COUPLED INDUCTOR For Uses in ADSL POTS Low Pass Filters
PM-IND020E PMI-PM-IND020E Datasheet
45Kb / 3P
   COUPLED INDUCTOR For Uses in ADSL POTS Low Pass Filters
PM-IND024 PMI-PM-IND024 Datasheet
45Kb / 3P
   COUPLED INDUCTOR For Uses in ADSL POTS Low Pass Filters
More results

Similar Description - PM-IU07

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-DSL10 PMI-PM-DSL10 Datasheet
302Kb / 12P
   DSL LINE ISOLATION TRANSFORMERS THRU HOLE OR SMD
logo
Bi technologies
HM80 BITECH-HM80 Datasheet
102Kb / 1P
   ISDN Isolation Transformers
logo
Premier Magnetics, Inc.
PM-IS42 PMI-PM-IS42 Datasheet
54Kb / 1P
   ISDN S SMD INTERFACE ISOLATION TRANSFORMERS
logo
Bel Fuse Inc.
0559-5683-00 BEL-0559-5683-00 Datasheet
54Kb / 1P
   ISDN U INTERFACE TRANSFORMERS
logo
Pulse A Technitrol Comp...
T4008 PULSE-T4008 Datasheet
81Kb / 1P
   ISDN U-INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-13207 RHOMBUS-IND-T-13207 Datasheet
36Kb / 1P
   ISDN U-Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1101 PCA-EPR1101 Datasheet
27Kb / 1P
   ISDN U Interface Transformers
EPR1166 PCA-EPR1166 Datasheet
39Kb / 1P
   ISDN U Interface Transformers
EPR1102 PCA-EPR1102 Datasheet
51Kb / 1P
   ISDN U Interface Transformers
logo
Rhombus Industries Inc.
T-1049 RHOMBUS-IND-T-1049 Datasheet
30Kb / 1P
   ISDN TRANSFORMERS "U" INTERFACE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com