Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-MC02 Datasheet(PDF) 6 Page - Premier Magnetics, Inc.

Part # PM-MC02
Description  FCC PART68 VOICE/DATA COUPLING TRANSFORMERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-MC02 Datasheet(HTML) 6 Page - Premier Magnetics, Inc.

  PM-MC02 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-MC02 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-MC02 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-MC02 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-MC02 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-MC02 Datasheet HTML 6Page - Premier Magnetics, Inc. PM-MC02 Datasheet HTML 7Page - Premier Magnetics, Inc. PM-MC02 Datasheet HTML 8Page - Premier Magnetics, Inc. PM-MC02 Datasheet HTML 9Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
6
pmmc 11/04
1
3
4
56
19.8
(.78)
MAX
30.7
(1.21)
MAX
5.08
(.200)
11.9
(.47)
MAX
20.32
(.800)
MAX
13
64
5
FEATURES:
COMPATIBLE WITH V.90 TECHNOLOGY
Low Profile Through Hole Package
1500 Vrms Isolation Voltage
PACKAGE DIP-4
SCHEMATIC DIP-4
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO 70OC
GENERAL SPECIFICATIONS:
Longitudinal Balance:
200 to 1000 Hz ..................... 60 dB Min.
1000 to 4000 Hz ...................... 40 dB Min.
Turns Ratio (Pri:Sec) .................... 1:1 + 2%
PART
NUMBER
Package/
Schematic
Primary
DC Current
(mA Max)
DCR
(
Ω +15%)
Pri
Sec
PM-MC60
DIP-4
0
108 120
600/374
2
±.25
-91/-82
15
±.25
1500
Pri /Sec
Impedance
1KHz (
Ω)
Ins. Loss
@ 1KHz
(dB)
Harm Dist
@ 600Hz,-10dBm
(dB Typ/Max)
Ret Loss
.30 - 3 KHz
(dB Min.)
Freq Response
(+dB)
200Hz-4000Hz
SCHEMATIC DIAGRAM
PHYSICAL DIMENSIONS .... DIMENSIONS IN mm (inches)
HI-POT
Vrms
V.90 LOW DISTORTION VOICE/DATA
COUPLING TRANSFORMER
4
1
3
6
PRI
SEC
PART IS 100% REVERSABLE
I.E. IT CAN BE INSERTED INTO THE
PCB EITHER WAY
M
P PM-MC60
YYWW


Similar Part No. - PM-MC02

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PM-M700-TRAE ADVANTECH-PM-M700-TRAE Datasheet
367Kb / 2P
   Modular FPM - Video Input Box Module with 2 I/O Slots
17-Jan-2023
logo
ASM GmbH
PM-MA-301-CT-BRT ASM-SENSOR-PM-MA-301-CT-BRT Datasheet
483Kb / 4P
   Miniatur-Infrarot-Temperatur-Messger채t
More results

Similar Description - PM-MC02

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-31000 RHOMBUS-IND-T-31000 Datasheet
51Kb / 1P
   Voice & Data Coupling Transformers
T-30600 RHOMBUS-IND-T-30600 Datasheet
39Kb / 1P
   Multi-Purpose Voice & Data Coupling Transformers
T-31015 RHOMBUS-IND-T-31015 Datasheet
27Kb / 1P
   Low Profile Voice And Data Coupling Transformer
logo
Abracon Corporation
APT-104 ABRACON-APT-104 Datasheet
412Kb / 4P
   LAN COUPLING TRANSFORMERS
logo
Bi technologies
HT84 BITECH-HT84 Datasheet
71Kb / 5P
   ADSL Coupling Transformers
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
logo
Cornell Dubilier Electr...
TDL335006S1A CDE-TDL335006S1A Datasheet
166Kb / 1P
   General Purpose Coupling Transformers
logo
Bi technologies
HT81 BITECH-HT81 Datasheet
118Kb / 5P
   HDSL, HDSL2 Coupling Transformers
logo
Premier Magnetics, Inc.
PM-NW01 PMI-PM-NW01 Datasheet
33Kb / 2P
   GENERAL PURPOSE COUPLING TRANSFORMERS
logo
Nuvotem Talema
TGJ-50-6C TALEMA-TGJ-50-6C Datasheet
45Kb / 1P
   General Purpose Coupling Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com