Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNY-12206 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PNY-12206
Description  OFF-LINE SWITCH MODE TINY SWITCH TRANSFORMERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PNY-12206 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PNY-12206 Datasheet HTML 1Page - Premier Magnetics, Inc. PNY-12206 Datasheet HTML 2Page - Premier Magnetics, Inc. PNY-12206 Datasheet HTML 3Page - Premier Magnetics, Inc. PNY-12206 Datasheet HTML 4Page - Premier Magnetics, Inc. PNY-12206 Datasheet HTML 5Page - Premier Magnetics, Inc. PNY-12206 Datasheet HTML 6Page - Premier Magnetics, Inc. PNY-12206 Datasheet HTML 7Page - Premier Magnetics, Inc. PNY-12206 Datasheet HTML 8Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pny08/08
OFF-LINE SWITCH MODE
TINY SWITCH TRANSFORMERS
GENERAL ELECTRICAL SPECIFICATIONS AT 25OC
PART
NUMBER
Output
Voltages
(Vdc)
Output
Currents
(Amp)
VR1
Voltages
Ref(V)
Part
Number
Manufacturer
Made
Recommended
Power Intgr.
Controller
3.5
1.8
3.0
1N5225B
Motorola
3.8
1.7
3.3
1N5226B
Motorola
4.0
1.6
3.6
1N5227B
Motorola
4.4
1.5
3.9
1N5228B
Motorola
4.9
1.4
4.3
1N5229B
Motorola
5.2
1.3
4.7
1N5230B
Motorola
5.8
1.2
5.1
1N5231B
Motorola
6.1
1.2
5.6
1N5232B
Motorola
6.5
1.1
6.0
1N5233B
Motorola
6.8
1.1
6.2
1N5234B
Motorola
7.5
1.0
6.8
1N5235B
Motorola
8.4
1.0
7.5
1N5236B
Motorola
9.0
0.9
8.2.
1N5237B
Motorola
9.8
0.8
9.1
1N5239B
Motorola
11.2
0.5
10.0
1N5240B
Motorola
PNY-05015
TNY-255
CLICK ON THE RESPECTIVE PART NUMBER TO DISPLAY A DETAIL DATA SHEET
Indicated Parts are UL1950, IEC950, CSA-950 Recognized Under UL File# E162344
* Designed for Use with Power Integrations IC's, Tiny Switch Family
* Output Voltage Range from 3.5 to 27 Vdc
* 3000 Vrm Isolation (Hi-Pot). Meets UL1950, IEC950 Safety Standard
* Units are Designed for a Universal AC Input of 85 to 265Vac, 47/440 Hz, Unless otherwise Designated
PNY-05015
TNY-256
3.6
1.7
3.0
1N5225B
Motorola
3.9
1.8
3.3
1N5226B
Motorola
4.2
1.3
3.6
1N5227B
Motorola
4.6
1.45
3.9
1N5228B
Motorola
5.0
1.57
4.3
1N5229B
Motorola
5.4
1.3
4.7
1N5230B
Motorola
5.9
1.14
5.1
1N5231B
Motorola
6.2
1.20
5.6
1N5232B
Motorola
6.8
1.1
6.0
1N5233B
Motorola
7.0
1.13
6.2
1N5234B
Motorola
7.6
1.06
6.8
1N5235B
Motorola
8.4
1.04
7.5
1N5236B
Motorola
9.0
0.9
8.2.
1N5237B
Motorola
9.8
0.81
9.1
1N5239B
Motorola
11.2
0.5
10.0
1N5240B
Motorola


Similar Description - PNY-12206

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
POL-05006 PMI-POL-05006 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
PNK-30001 PMI-PNK-30001 Datasheet
85Kb / 3P
   OFF-LINE SWITCH MODE LINK SWITCH TRANSFORMERS
logo
Pulse A Technitrol Comp...
PH9185 PULSE-PH9185 Datasheet
566Kb / 2P
   Switch Mode Transformers
logo
STMicroelectronics
VIPER53EDIP-E STMICROELECTRONICS-VIPER53EDIP-E Datasheet
285Kb / 31P
   OFF-line Primary Switch
VIPER53DIP STMICROELECTRONICS-VIPER53DIP Datasheet
259Kb / 24P
   OFF LINE PRIMARY SWITCH
VIPER53-E STMICROELECTRONICS-VIPER53-E Datasheet
358Kb / 36P
   OFF-line primary switch
logo
Power Integrations, Inc...
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
   Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
   Three-terminal Off-line PWM Switch
July 1996
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
   Three-terminal Off-line PWM Switch
TOP101YN POWERINT-TOP101YN Datasheet
1Mb / 18P
   Three-terminal Off-line PWM Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com