Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3AS480550 Datasheet(PDF) 7 Page - Premier Magnetics, Inc.

Part # B3AS480550
Description  MINI DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

B3AS480550 Datasheet(HTML) 7 Page - Premier Magnetics, Inc.

  B3AS480550 Datasheet HTML 1Page - Premier Magnetics, Inc. B3AS480550 Datasheet HTML 2Page - Premier Magnetics, Inc. B3AS480550 Datasheet HTML 3Page - Premier Magnetics, Inc. B3AS480550 Datasheet HTML 4Page - Premier Magnetics, Inc. B3AS480550 Datasheet HTML 5Page - Premier Magnetics, Inc. B3AS480550 Datasheet HTML 6Page - Premier Magnetics, Inc. B3AS480550 Datasheet HTML 7Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
20381 Barents Sea Circle
Lake Forest, California 92630
Phone:
(949) 452-0511
Fax:
(949) 452-0512
M
P
Premier
Magnetics Inc.
Specifications subject to change without notice.
13
1.0 to 2.25 WATT DIP DC/DC CONVERTERS
FEATURES
!
1 to 2.25 Watt
"
Regulated & Unregulated Models
#
Short Circuit Protection
$
24-Pin DIP Package
GENERAL SPECIFICATIONS
%
Efficiency (unregulated) ................... 70%
%
Efficiency (regulated) ....................... 50%
%
Switching Frequency ............. 20KHz min.
%
Isolation Voltage ................ 500Vdc min.
%
Operating Temperature ......... 0 to +70OC
INPUT SPECIFICATIONS
%
Voltage .................................... 5 or 12Vdc
%
Voltage Range .................................. ±10%
%
Input Filter ................................. Pi Network
OUTPUT SPECIFICATIONS
%
Voltage ........................................... 9.0Vdc
%
Voltage Accuracy ............................... ±5%
%
Ripple & Noise 20MHz BW ........ 100mV p-p
%
Load Regulation (unregulated)........... ±6%
%
Load Regulation (regulated).............. ±.5%
ELECTRICAL SPECIFICATIONS AT 25OC
B2AU050920
5
9
200
NO
100
575
B2AU050921(*)
5
9
200
NO
100
575
B2AU050925
5
9
250
NO
100
625
B2AU120920
12
9
200
NO
40
200
B2AU120925
12
9
250
NO
40
250
B2AR050920
5
9
200
YES
120
720
B2AR050925
5
9
250
YES
120
750
B2AR120920
12
9
200
YES
50
320
B2AR120925
12
9
250
YES
50
350
PART
NUMBER
INPUT
VOLTAGE
(Vdc)
OUTPUT
VOLTAGE
(Vdc)
OUTPUT
CURRENT
(mA max.)
REGULATED
OUTPUT
INPUT CURRENT (mA typ.)
NO LOAD
FULL LOAD
SCHEMATIC DIAGRAM
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCHES (mm)
810
9
11
12
13
2
56
7
+Vin
15
16
14
13
17
18
19
20
21
22
23
24
+Vin
-Vout
-Vout
+Vout
+Vout
-Vin
-Vin
DC to DC CONVERTER
1.280
(32.51)
MAX.
.180
(4.57)
TYP.
.030 (.51)
.010 (.25)
.125
(3.18)
MIN.
.100
(2.54)
TYP.
.475
(12.07)
MAX.
.585
(14.86)
MAX.
.600
(15.24)
.635
(16.13)
MAX.
.010
(0.25)
TYP.
.008 R
(0.20)
TYP.
.020
(0.51)
TYP.
.050
(1.27)
TYP.
NOTE: (*) B2AU050921: MAY USING B2AU050920 AND REMOVE PIN #2-9, 16-23.


Similar Part No. - B3AS480550

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
B3A0A YFWDIODE-B3A0A Datasheet
454Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B3A0B YFWDIODE-B3A0B Datasheet
356Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
B3A0C CHENDA-B3A0C Datasheet
603Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
KEC(Korea Electronics)
B3A45VD KEC-B3A45VD Datasheet
8Kb / 1P
   DPAK PACKAGE
logo
Premier Magnetics, Inc.
B3AF050920 PMI-B3AF050920 Datasheet
24Kb / 1P
   TPC RESETING DC/DC CONVERTERS FOR NETWORKING
More results

Similar Description - B3AS480550

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
S3AS051217 PMI-S3AS051217 Datasheet
33Kb / 1P
   2.00 WATT MINI-SIP DC/DC CONVERTERS 500Vdc ISOLATION
logo
Murata Manufacturing Co...
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
   Inductor Built-in Step-Down “mini DC/DC” Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com