Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-V020076 Datasheet(PDF) 5 Page - Premier Magnetics, Inc.

Part # PM-V020076
Description  VERSA-PAC INDUCTORS & TRANSFORMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-V020076 Datasheet(HTML) 5 Page - Premier Magnetics, Inc.

  PM-V020076 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-V020076 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-V020076 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-V020076 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-V020076 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630
• TEL: 949-452-0511 • FAX: 949-452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
5
pm-vxxxxx
VERSA-PAC
INDUCTORS & TRANSFORMERS
1.14
(29.0)
.157
(4.00)
.043
(1.1)
.016
(0.40)
12
3
4
5
10
987
6
.015
(0.39)
11
12
.551
(14.0)
MAX
PIN#1
DOT
1.04
(26.4)
MAX
1.34
(34.04)
MAX
.968
(24.6)
.787
(20.0)
.118
(3.00)
1.128
(28.65)
.027
(0.70)
.016
(0.40)
12
3
4
5
10
987
6
.015
(0.39)
11
12
.430
(11.0)
MAX
PIN#1
DOT
112
.120
(3.05)
.085
(2.16)
67
.118
(3.00)
.940
(23.87)
PM-V09 & PM-V10 MECHANICAL
3
4
6
5
1
2
11
7
10
8
12
9
RATIO 1:1:1:1:1:1
PM-VXXXXXX
D/C
PM-V11 MECHANICAL
112
.085
(2.16)
67
.157
(4.00)
1.10
(28.0)
.150
(3.81)
1.4
(35.56)
3
4
6
5
1
2
11
7
10
8
12
9
RATIO 1:1:1:1:1:1
PM-VXXXXXX
D/C


Similar Part No. - PM-V020076

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results

Similar Description - PM-V020076

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
VPH1-1400-R EATON-VPH1-1400-R Datasheet
1Mb / 9P
   VERSA-PAC짰 Inductors and Transformers (Surface Mount)
CTX0.47-1P-R EATON-CTX0.47-1P-R Datasheet
682Kb / 9P
   ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
logo
Cooper Bussmann, Inc.
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Eaton All Rights Reserv...
UP2UC EATON-UP2UC Datasheet
617Kb / 4P
   UNI-PAC??drum core power inductors
UP2C EATON-UP2C Datasheet
346Kb / 4P
   UNI-PAC??drum core power inductors
UP1B-R47-R EATON-UP1B-R47-R Datasheet
2Mb / 7P
   UNI-PAC??drum core power inductors
logo
List of Unclassifed Man...
FP2-S047-R ETC2-FP2-S047-R Datasheet
1Mb / 4P
   FLAT-PAC Low Profile Inductors (Surface Mount)
logo
Cooper Bussmann, Inc.
CTX1-3P-R COOPER-CTX1-3P-R Datasheet
573Kb / 8P
   Power Inductors and Transformers
logo
Nuvotem Talema
AS-100 TALEMA-AS-100 Datasheet
58Kb / 2P
   Current Sense Inductors & Transformers
logo
Vishay Siliconix
LPE-3325 VISHAY-LPE-3325_17 Datasheet
103Kb / 3P
   Surface Mount Transformers/Inductors
Revision: 24-Feb-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com