Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-OM204 Datasheet(PDF) 3 Page - Premier Magnetics, Inc.

Part # PM-OM204
Description  COMMON MODE LINE CHOKES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-OM204 Datasheet(HTML) 3 Page - Premier Magnetics, Inc.

  PM-OM204 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-OM204 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-OM204 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-OM204 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-OM204 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
3
PM-OMxxx
11/06
COMMON MODE LINE
CHOKES
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-40OC TO +85OC
IND. (L
s
)
@15.75Khz
(mHMin)
PART
NUMBER
CURRENT
RATING
(Arms)
LEAKAGE
L
L
(
µH Max.)
DCR
Ohms
( Max.)
H
(Max)
L
(Max)
W
(Max)
PM-OM201
7.5
1.0
90
0.270
1.100
1.310
0.825
0.90
0.60
0.054
PM-OM202
13.0
1.0
190
0.415
1.300
1.310
0.825
0.90
0.60
0.054
PM-OM203
3.8
2.0
48
0.106
1.100
1.310
0.825
0.90
0.60
0.054
PM-OM204
6.5
2.0
98
0.145
1.300
1.310
0.825
0.90
0.60
0.054
PM-OM205
1.9
4.0
26
0.038
1.100
1.310
0.825
0.90
0.60
0.054
PM-OM206
3.3
4.0
45
0.055
1.300
1.300
0.825
0.90
0.60
0.054
PM-OM207
1.5
6.0
21
0.029
1.100
1.310
0.825
0.90
0.60
0.054
PM-OM208
2.6
6.0
41
0.040
1.400
1.400
0.900
0.90
0.60
0.054
PM-OM209
0.9
9.0
17
0.014
1.200
1.310
0.825
0.90
0.60
0.042
PM-OM210
1.5
9.0
15
0.013
1.250
1.250
0.825
0.90
0.60
0.042
PM-OM211
0.7
12.0
14
0.011
1.200
1.250
0.825
0.90
0.60
0.048
PM-OM212
1.2
12.0
14
0.011
1.200
1.250
0.825
0.90
0.60
0.048
PM-OM213
0.5
15.0
8.7
0.007
1.300
1.300
0.825
0.90
0.60
0.054
PM-OM214
0.8
15.0
10
0.007
1.200
1.250
0.825
0.90
0.60
0.054
Lead
Dia.
X
(
± 0.01)
Y
(
± 0.01)
REF. DIMENSIONS IN INCHES
RECOMMENDED P.C.B. LAYOUT
Dimensions in inches
X
Y
MECHANICAL
SCHEMATICS
SPACER
.120 (3.0)
MIN
X
.120 +.06
(3.05 + 1.5)
PIN #2
PIN #1
4
1
2
3
Y
2
3
(BOTTOM)
H
max
L
max
W
max
P
M
PM-OMxxx
YYWW
2
1
3
4
L1B
L1A
Ê
For High Frequency Power Supply Applications
Ì
Vertical Mount
Ë
1250 Vrms Isolation Votage
Í
Industry Standard Package


Similar Part No. - PM-OM204

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results

Similar Description - PM-OM204

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L Datasheet
118Kb / 3P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL_13 Datasheet
276Kb / 2P
   Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL_13 Datasheet
222Kb / 2P
   Common Mode Line Chokes
P3224-AL COILCRAFT-P3224-AL Datasheet
331Kb / 3P
   Common Mode Line Chokes
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
   SIGNAL LINE FILTERS COMMON MODE CHOKES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com