Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-T120E Datasheet(PDF) 4 Page - Premier Magnetics, Inc.

Part # PM-T120E
Description  T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-T120E Datasheet(HTML) 4 Page - Premier Magnetics, Inc.

  PM-T120E Datasheet HTML 1Page - Premier Magnetics, Inc. PM-T120E Datasheet HTML 2Page - Premier Magnetics, Inc. PM-T120E Datasheet HTML 3Page - Premier Magnetics, Inc. PM-T120E Datasheet HTML 4Page - Premier Magnetics, Inc. PM-T120E Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
4
pmt1xx 7/99
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-40OC TO +85OC
* For T1/E1 Telecommunications Applications
* Low Profile Packages
* Designed to Meet CCITT and FCC requirments
* 1250Vrms or 1500Vrms Isolation
* Designed for Majority of Line Interface Tranceiver Chips
* Single Core SMD & THRU Package
PM-T1201
2.42ct:1
2.30
2.00
25
0.550
0.215
1500
EP7G - A1
SMD
PM-T1401
2.42ct:1
2.30
2.00
25
0.550
0.215
1500
EP7 - A1
THRU
PM-T1202
1:1.414
1.20
0.80
50
0.400
0.600
1500
EP7G - A2
SMD
PM-T1402
1:1.414
1.20
0.80
50
0.400
0.600
1500
EP7 - A2
THRU
PM-T1203
1:1.400ct
0.60
0.75
27
0.600
0.600*
1500
EP7G - A4
SMD
PM-T1403
1:1.400ct
0.60
0.75
27
0.600
0.600*
1500
EP7 - A4
THRU
PART
NUMBER
Package
---
Schematic
TURNS
RATIO (± 2%)
PRI : SEC
PRIMARY
OCL
(mH Min.)
SECONDARY
L
L
(
µ HMax.)
PRI-SEC
Cw/w
(pf Max.)
PRIMARY
DCR
(Ohms Typ.)
SECONDARY
DCR
(Ohms Typ.)
T1/E1/ISDN-PRI
SINGLE CORE
THRU-HOLE & SMD
PCB
Mounting
Type
Hi-Pot
Dielectric
Test
SCHEMATICS
EP7G & EP7
Longitudinal Balance:
PM-T1X01 = 35dB minimum 100KHz to 2.5MHz
PM-T1X02 = 35dB minimum 15KHz to 1.544MHz
*Each side of center tap winding
A1
A2
A3
6
1
5
2
3
4
PRI
SEC
6
1
5
2
3
4
PRI
SEC
6
1
5
2
3
4
PRI
SEC
6
1
5
2
3
4
PRI
SEC
A4


Similar Part No. - PM-T120E

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-T1030 PMI-PM-T1030 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-T1031 PMI-PM-T1031 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-T1032 PMI-PM-T1032 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-T1033 PMI-PM-T1033 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-T1034 PMI-PM-T1034 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
More results

Similar Description - PM-T120E

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0013Q4AIT XFMRS-XF0013Q4AIT Datasheet
89Kb / 1P
   T1/E1/CEPT/ISDN-PRI
XF0013Q4AIT XFMRS-XF0013Q4AIT Datasheet
89Kb / 1P
   T1/E1/CEPT/ISDN-PRI
logo
Bothhand USA, LP.
S1312 BOTHHAND-S1312 Datasheet
71Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1313 BOTHHAND-S1313 Datasheet
77Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1071 BOTHHAND-4S1071 Datasheet
82Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1073 BOTHHAND-4S1073 Datasheet
76Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1126 BOTHHAND-4S1126 Datasheet
85Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1142 BOTHHAND-4S1142 Datasheet
65Kb / 1P
   T1/CEPT/E1/ISDN-PRI TRANSFORMER
S1096 BOTHHAND-S1096 Datasheet
52Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com