Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60203DGS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60203DGS
Description  REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60203DGS Datasheet(HTML) 4 Page - Texas Instruments

  TPS60203DGS Datasheet HTML 1Page - Texas Instruments TPS60203DGS Datasheet HTML 2Page - Texas Instruments TPS60203DGS Datasheet HTML 3Page - Texas Instruments TPS60203DGS Datasheet HTML 4Page - Texas Instruments TPS60203DGS Datasheet HTML 5Page - Texas Instruments TPS60203DGS Datasheet HTML 6Page - Texas Instruments TPS60203DGS Datasheet HTML 7Page - Texas Instruments TPS60203DGS Datasheet HTML 8Page - Texas Instruments TPS60203DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPS60200, TPS60201, TPS60202, TPS60203
REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP
LOW POWER DC/DC CONVERTERS
SLVS274 – MARCH 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
C1+
4
Positive terminal of the flying capacitor C1
C1–
3
Negative terminal of the flying capacitor C1
C2+
6
Positive terminal of the flying capacitor C2
C2–
8
Negative terminal of the flying capacitor C2
EN
9
I
Device-enable input. Three operating modes can be programmed with the EN pin.
EN = Low disables the device. Output and input are isolated in the shutdown mode and the output capacitor is
automatically discharged.
EN = High lets the device run from the internal oscillator.
If an external clock signal is applied to the EN pin, the device is in Sync–Mode and runs synchronized at the
frequency of the external clock signal.
GND
2
Ground
IN
7
I
Supply input. Bypass IN to GND with a capacitor of the same size as Co.
LBI/GND
1
I
Low-battery detector input for TPS60200 and TPS60202. A low-battery warning is generated at the LBO pin when
the voltage on LBI drops below the threshold of 1.18 V. Connect LBI to GND if the low-battery detector function is
not used. For the devices TPS60201 and TPS60203, this pin has to be connected to ground (GND pin).
LBO/PG
10
O
Open-drain low-battery detector output for TPS60200 and TPS60202. This pin is pulled low if the voltage on LBI
drops below the threshold of 1.18 V. A pullup resistor should be connected between LBO and OUT or any other logic
supply rail that is lower than 3.6 V.
Open-drain power-good detector output for TPS60201 and TPS60203. As soon as the voltage on OUT reaches
about 90% of it is nominal value this pin goes active high. A pullup resistor should be connected between PG and
OUT or any other logic supply rail that is lower than 3.6 V.
OUT
5
O
Regulated 3.3-V power output. Bypass OUT to GND with the output filter capacitor Co.
detailed description
operating principle
The TPS6020x charge pumps provide a regulated 3.3 V output from a 1.8 V to 3.6 V input. They deliver up to
100 mA load current while maintaining the output at 3.3 V
± 4%. Designed specifically for space critical battery
powered applications, the complete converter requires only four external capacitors. The device is using the
push-pull topology to achieve lowest output voltage ripple. The converter is also optimized for smallest board
space. It makes use of small sized capacitors, with the highest output current rating per output capacitance and
package size.
The TPS6020x circuits consist of an oscillator, a 1.18 V voltage reference, an internal resistive feedback circuit,
an error amplifier, two charge pump power stages with high current MOSFET switches, a shutdown/start-up
circuit, a control circuit, and an auto-discharge transistor (see functional block diagrams).
push-pull operating mode
The two single-ended charge pump power stages operate in the so-called push-pull operating mode, i.e. they
operate with a 180
°C phase shift. Each single-ended charge pump transfers charge into its transfer capacitor
(C1 or C2) in one half of the period. During the other half of the period (transfer phase), the transfer capacitor
is placed in series with the input to transfer its charge to Co. While one single-ended charge pump is in the charge
phase, the other one is in the transfer phase. This operation assures an almost constant output current which
ensures a low output ripple.
If the clock were to run continuously, this process would eventually generate an output voltage equal to two times
the input voltage (hence the name voltage doubler). In order to provide a regulated fixed output voltage of 3.3
V, the TPS6020x devices use either pulse-skip or constant-frequency linear-regulation control mode. The mode
is automatically selected based on the output current. If the load current is below the LinSkip current threshold,
it switches into the power-saving pulse-skip mode to boost efficiency at low output power.


Similar Part No. - TPS60203DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60203DGS TI1-TPS60203DGS Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
TPS60203DGSR TI1-TPS60203DGSR Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
More results

Similar Description - TPS60203DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com