Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ3-61FND2 Datasheet(PDF) 8 Page - Premier Magnetics, Inc.

Part # RJ3-61FND2
Description  RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

RJ3-61FND2 Datasheet(HTML) 8 Page - Premier Magnetics, Inc.

  RJ3-61FND2 Datasheet HTML 1Page - Premier Magnetics, Inc. RJ3-61FND2 Datasheet HTML 2Page - Premier Magnetics, Inc. RJ3-61FND2 Datasheet HTML 3Page - Premier Magnetics, Inc. RJ3-61FND2 Datasheet HTML 4Page - Premier Magnetics, Inc. RJ3-61FND2 Datasheet HTML 5Page - Premier Magnetics, Inc. RJ3-61FND2 Datasheet HTML 6Page - Premier Magnetics, Inc. RJ3-61FND2 Datasheet HTML 7Page - Premier Magnetics, Inc. RJ3-61FND2 Datasheet HTML 8Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULES
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630. TEL: 949-452-0511. FAX: 949-452-0512.
www.premiermag.com
Page 8
64J
64K
65
66
66A
66B
67A
67B
TX
TD + 1
1
TX +
69
CT
4
TD - 2
RD + 3
RX
2
TX -
3
RX +
CT
5
RD - 6
7
9
10
75
Ω 1000pF/2KV
75
Ω 1000pF/2KV
6
RX -
4
5
7
8


Similar Part No. - RJ3-61FND2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RJ3264 SAMSUNG-RJ3264 Datasheet
4Mb / 20P
   Passive components sales offices
logo
Superworld Electronics
RJ3Z01Y2100001 SUPERWORLD-RJ3Z01Y2100001 Datasheet
421Kb / 2P
   RJ45USB Stack 2.0 W/LED & Transfomer
More results

Similar Description - RJ3-61FND2

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
N5447F MPSIND-N5447F Datasheet
1Mb / 4P
   RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5415 MPSIND-N5415 Datasheet
216Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
N5414 MPSIND-N5414 Datasheet
197Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
logo
Abracon Corporation
ARJ11B-MBSBQ-A ABRACON-ARJ11B-MBSBQ-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11B-MESCB-A ABRACON-ARJ11B-MESCB-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11G-MASA-A ABRACON-ARJ11G-MASA-A Datasheet
2Mb / 3P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.22.13
ARJ11C-MASAB-B ABRACON-ARJ11C-MASAB-B Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11C-MBSAT-A ABRACON-ARJ11C-MBSAT-A Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
logo
MPS Industries, Inc.
N5437 MPSIND-N5437 Datasheet
165Kb / 1P
   Vertical Mount 10/100 BASE-T RJ45 Jack With Magnetic Module
N5426 MPSIND-N5426 Datasheet
178Kb / 1P
   Vertical Mount 10/100 BASE-T RJ45 Jack With Magnetic Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com