Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-V110010 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-V110010
Description  VERSA-PAC INDUCTORS & TRANSFORMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-V110010 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-V110010 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-V110010 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-V110010 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-V110010 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-V110010 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630
• TEL: 949-452-0511 • FAX: 949-452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pm-vxxxxx
VERSA-PAC
INDUCTORS & TRANSFORMERS
* Surface Mount with Six winding
* Frequency range over 1MHz
* Low radiated noise
* 500 VAC Isolation winding to winding
ELECTRICAL SPECIFICATIONS AT 25OC
PM-V011400
89.6±30%
0.10
0.06
0.85
0.145
21.8
0.11
60.5
PM-V010190
12.2±20%
0.10
0.43
.085
0.145
21.8
0.77
60.5
PM-V010102
6.5±20%
0.10
0.80
0.85
0.145
21.8
1.45
60.5
PM-V010076
4.9±20%
0.10
1.06
0.85
0.145
21.8
1.90
60.5
PM-V010059
3.8±20%
0.10
1.37
0.85
0.145
21.8
2.40
60.5
PM-V021400
201.6±30%
0.21
0.04
0.55
0.345
33.0
0.11
60.5
PM-V020190
27.4±20%
0.21
0.29
0.55
0.345
33.0
0.77
60.5
PM-V020102
6.5±20%
0.21
0.52
0.55
0.345
33.0
1.45
60.5
PM-V020076
10.9±20%
0.21
0.70
0.55
0.345
33.0
1.90
60.5
PM-V020059
8.5±20%
0.21
0.90
0.55
0.345
33.0
2.40
60.5
PM-V031600
078.4±3%
0.08
0.10
1.25
0.090
34.0
0.30
44.0
PM-V030216
10.6±20%
0.08
0.76
1.26
0.090
34.0
2.10
44.0
PM-V030116
5.7±20%
0.80
1.40
1.25
0.090
34.0
4.00
44.0
PM-V030083
4.1±20%
0.08
1.95
1.25
0.090
34.0
5.50
44.0
PM-V030066
3.2±20%
0.08
2.50
1.25
0.090
34.0
7.00
44.0
PM-V041600
160±30%
0.16
0.07
0.95
0.160
48.0
0.30
44.0
PM-V040216
21.6±20%
0.16
0.55
0.95
0.160
48.0
2.10
44.0
PM-V040116
11.6±20%
0.16
0.99
0.95
0.160
48.0
4.00
44.0
PM-V040083
8.3±20%
0.16
1.40
0.95
0.160
48.0
5.50
44.0
PM-V040066
6.6±20%
0.16
1.75
0.95
0.160
48.0
7.00
44.0
PM-V050780
63.2±30%
0.06
0.10
1.48
0.060
27.8
0.24
43.4
PM-V050138
11.2±20%
0.06
0.60
1.48
0.060
27.8
1.36
43.4
PM-V050084
6.8±20%
0.06
0.97
1.48
0.060
27.8
2.23
43.4
PM-V050055
4.5±20%
0.06
1.46
1.48
0.060
27.8
3.40
43.4
PM-V050047
3.8±20%
0.06
1.72
1.48
0.060
27.8
4.00
43.4
PM-V060780
132±20%
0.12
0.07
0.97
0.14
40.0
0.24
43.4
PM-V060138
23.3±20%
0.12
0.40
0.97
0.14
40.0
1.36
43.4
PM-V060084
14.2±20%
0.12
0.67
0.97
0.14
40.0
2.23
43.4
PM-V060055
9.3±20%
0.12
1.00
0.97
0.14
40.0
3.40
43.4
PM-V060047
7.9±20%
0.12
1.20
0.97
0.14
40.0
4.00
43.4
PM-V070860
69.7±20%
0.08
0.15
1.70
0.06
45.0
0.57
39.0
PM-V070140
11.3±20%
0.08
0.95
1.70
0.06
45.0
3.50
39.0
PM-V070075
6.1±20%
0.08
1.75
1.70
0.06
45.0
6.50
39.0
PM-V070060
4.9±20%
0.08
2.18
1.70
0.06
45.0
8.20
39.0
PM-V070047
3.8±20%
0.08
2.80
1.70
0.06
45.0
10.5
39.0
PART
NUMBER
OCL
(
µµµµµH
±20%.)
I rms
A
(TYP)
Isat
A
(TYP)
DCR
(MAX)
E peak
µµµµµJ
(TYP)
Leak Ind
µµµµµH
(TYP)
Volt-
µµµµµsec
µµµµµVs
(TYP)
Thermal
Resistance
(TYP)


Similar Part No. - PM-V110010

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results

Similar Description - PM-V110010

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
VPH1-1400-R EATON-VPH1-1400-R Datasheet
1Mb / 9P
   VERSA-PAC짰 Inductors and Transformers (Surface Mount)
CTX0.47-1P-R EATON-CTX0.47-1P-R Datasheet
682Kb / 9P
   ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
logo
Cooper Bussmann, Inc.
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Eaton All Rights Reserv...
UP2UC EATON-UP2UC Datasheet
617Kb / 4P
   UNI-PAC??drum core power inductors
UP2C EATON-UP2C Datasheet
346Kb / 4P
   UNI-PAC??drum core power inductors
UP1B-R47-R EATON-UP1B-R47-R Datasheet
2Mb / 7P
   UNI-PAC??drum core power inductors
logo
List of Unclassifed Man...
FP2-S047-R ETC2-FP2-S047-R Datasheet
1Mb / 4P
   FLAT-PAC Low Profile Inductors (Surface Mount)
logo
Cooper Bussmann, Inc.
CTX1-3P-R COOPER-CTX1-3P-R Datasheet
573Kb / 8P
   Power Inductors and Transformers
logo
Nuvotem Talema
AS-100 TALEMA-AS-100 Datasheet
58Kb / 2P
   Current Sense Inductors & Transformers
logo
Vishay Siliconix
LPE-3325 VISHAY-LPE-3325_17 Datasheet
103Kb / 3P
   Surface Mount Transformers/Inductors
Revision: 24-Feb-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com