Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVD-3630 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PVD-3630
Description  SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PVD-3630 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PVD-3630 Datasheet HTML 1Page - Premier Magnetics, Inc. PVD-3630 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pvd 4/97
SHROUDED SPLIT BOBBIN
HIGH ISOLATION
POWER TRANSFORMERS
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-25OC TO +80OC
Ê
115/230V, 50/60Hz Dual Primaries
Í
PVD-SERIES 6-SIZES: 2.5 TO 56VA
Ë
Low Capacitive Coupling Minimizes Line Noise
Î
4000Vrms Isolation (Hi-Pot)
Ì
Dual Secondaries May Be Series -OR- Parallel Connected
Ï
Shrouded Split Bobbin Construction
SCHEMATIC
APPLICATION
DUAL
115/230V
SIZE
(VA)
SECONDARY RMS RATINGS
SERIES
PARALLEL
P/N
PVD-102
2.5
10V C.T. @ .25A
5V @
.50A
PVD-105
5
10V C.T. @ .50A
5V @ 1.00A
PVD-1010 10
10V C.T. @ 1.00A
5V @ 2.00A
PVD-1020 20
10V C.T. @ 2.00A
5V @ 4.00A
PVD-1030 30
10V C.T. @ 3.00A
5V @ 6.00A
PVD-1056 56
10V C.T. @ 5.60A
5V @ 11.20A
PVD-122
2.5
12.6V C.T. @ .20A
6.3V @ .40A
PVD-125
5
12.6V C.T. @ .40A
6.3V @ .80A
PVD-1210 10
12.6V C.T. @ .80A
6.3V @ 1.60A
PVD-1220 20
12.6V C.T. @ 1.60A
6.3V @ 3.20A
PVD-1230 30
12.6V C.T. @ 2.40A
6.3V @ 4.80A
PVD-1256 56
12.6V C.T. @ 4.40A
6.3V @ 8.80A
PVD-162
2.5
16V C.T. @ .15A
8V @ .30A
PVD-165
5
16V C.T. @ .31A
8V @ .62A
PVD-1610 10
16V C.T. @ .62A
8V @ 1.25A
PVD-1620 20
16V C.T. @ 1.25A
8V @ 2.50A
PVD-1630 30
16V C.T. @ 1.90A
8V @ 3.80A
PVD-1656 56
16V C.T. @ 3.50A
8V @ 7.00A
PVD-202
2.5
20V C.T. @ .12A
10V @ .24A
PVD-205
5
20V C.T. @ .25A
10V @ .50A
PVD-2010 10
20V C.T. @ .50A
10V @ 1.00A
PVD-2020 20
20V C.T. @ 1.00A
10V @ 2.00A
PVD-2030 30
20V C.T. @ 1.50A
10V @ 3.00A
PVD-2056 56
20V C.T. @ 2.80A
10V @ 5.60A
DUAL
115/230V
SIZE
(VA)
SECONDARY RMS RATINGS
SERIES
PARALLEL
P/N
PVD-242
2.5
24V C.T. @ .10A
12V @ .20A
PVD-245
5
24V C.T. @ .21A
12V @ .42A
PVD-2410 10
24V C.T. @ .42A
12V @ .84A
PVD-2420 20
24V C.T. @ .83A
12V @ 1.66A
PVD-2430 30
24V C.T. @ 1.25A
12V @ 2.50A
PVD-2456 56
24V C.T. @ 2.33A
12V @ 4.66A
PVD-282
2.5
28V C.T. @ .09A
14V @ .18A
PVD-285
5
28V C.T. @ .18A
14V @ .36A
PVD-2810 10
28V C.T. @ .36A
14V @ .72A
PVD-2820 20
28V C.T. @ .72A
14V @ 1.44A
PVD-2830 30
28V C.T. @ 1.06A
14V @ 2.12A
PVD-2856 56
28V C.T. @ 2.00A
14V @ 4.00A
PVD-362
2.5
36V C.T. @ .07A
18V @ .14A
PVD-365
5
36V C.T. @ .14A
18V @ .28A
PVD-3610 10
36V C.T. @ .28A
18V @ .56A
PVD-3620 20
36V C.T. @ .56A
18V @ 1.12A
PVD-3630 30
36V C.T. @ .82A
18V @ 1.64A
PVD-3656 56
36V C.T. @ 1.56A
18V @ 3.12A
DUAL PRIMARIES:
Series for 230V - 50/60Hz
Parallel for 115V - 50/60Hz
HI-POT:
4000Vac Primary To Secondary
4000Vac Windings to Core
130OC Insulation System
Note: Primary and Secondary windings are
designed to be used as one primary & one
secondary winding. That is, they must each
be used simultaneously either parallel or
series connected.
INDICATES POLARITY
1
SEC #1A
SEC #1B
3
7
9
10
12
4
6
PRI #2
115V
50/60Hz
PRI #1
115V
50/60Hz
WHITE DOT ON BOBBIN
DENOTES PIN#1
Parts are UL & CSA Recognized Under UL File E244637


Similar Part No. - PVD-3630

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
PVD BANNER-PVD Datasheet
637Kb / 8P
   PVD Series Parts Verification Sensor
logo
International Rectifier
PVD10 IRF-PVD10 Datasheet
79Kb / 6P
   Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
logo
Banner Engineering Corp...
PVD100 BANNER-PVD100 Datasheet
637Kb / 8P
   PVD Series Parts Verification Sensor
PVD100Q BANNER-PVD100Q Datasheet
637Kb / 8P
   PVD Series Parts Verification Sensor
logo
International Rectifier
PVD1052 IRF-PVD1052 Datasheet
79Kb / 6P
   Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
More results

Similar Description - PVD-3630

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Wabash Transformer Inc.
P24H-11-24 WABASH-P24H-11-24 Datasheet
512Kb / 1P
   Split Bobbin Isolation Transformer
P24X-24-24 WABASH-P24X-24-24 Datasheet
535Kb / 1P
   Split Bobbin Isolation Transformer
logo
Premier Magnetics, Inc.
PLP-102 PMI-PLP-102 Datasheet
41Kb / 3P
   LOW PROFILE DUAL BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Bel Fuse Inc.
241-3-10 BEL-241-3-10 Datasheet
999Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
241-L BEL-241-L Datasheet
933Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
logo
Wabash Transformer Inc.
PSX-012-10 WABASH-PSX-012-10 Datasheet
668Kb / 2P
   Split Bobbin Power Transformer
PSH-11-10 WABASH-PSH-11-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
logo
List of Unclassifed Man...
DSW ETC1-DSW Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
Pulse A Technitrol Comp...
PA3965.001NL PULSE-PA3965.001NL Datasheet
901Kb / 2P
   High Isolation Power Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com