Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB744 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SB744
Description  Silicon PNP Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SB744 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SB744 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB744 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB744 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB744 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMnic
Product Specification
2
Silicon PNP Power Transistors
2SB744 2SB744A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SB744
-45
V(BR)CEO
Collector-emitter
breakdown voltage
2SB744A
IC=-10mA; IB=0
-60
V
VCEsat
Collector-emitter saturation voltage
IC=-1.5A ;IB=-0.15A
-0.5
-2.0
V
VBEsat
Base-emitter saturation voltage
IC=-1.5A ;IB=-0.15A
-0.8
-2.0
V
ICBO
Collector cut-off current
VCB=-45V; IE=0
-1
μA
IEBO
Emitter cut-off current
VEB=-3V; IC=0
-1
μA
hFE-1
DC current gain
IC=-20mA ; VCE=-5V
30
120
hFE-2
DC current gain
IC=-0.5A ; VCE=-5V
60
100
320
fT
Transition frequency
IC=-0.1A ; VCE=-5V
45
MHz
COB
Collector output capacitance
f=1MHz ; VCB=-10V;IE=0
60
pF
hFE-2 Classifications
R
O
Y
60-120
100-200
160-320


Similar Part No. - 2SB744

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB744 MCC-2SB744 Datasheet
332Kb / 2P
   PNP Silicon Power Transistor
logo
Savantic, Inc.
2SB744 SAVANTIC-2SB744 Datasheet
133Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB744 ISC-2SB744 Datasheet
247Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SB744 SAVANTIC-2SB744 Datasheet
135Kb / 4P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB744 NJSEMI-2SB744 Datasheet
71Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - 2SB744

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com