Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL16I-WCW15Z Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL16I-WCW15Z
Description  5mm (T1쩐) Ultra Bright White LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL16I-WCW15Z Datasheet(HTML) 1 Page - P-tec Corporation

  PL16I-WCW15Z Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Viewing
Angle
2
θ ½
Forward Voltage
@20mA (V)
Luminous Intensity
@20mA (mcd)
Water Clear Lens
X
Y
Deg
Typ
Max
Min
Typ
PL16I-WCW15Z
White
InGaN
0.31
0.30
45°
3.2
4.0
1000
2500
Chromaticity
Coordinates
Typ
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100µA).………………………………...…….…………………………….… 5.0V
Max Forward Current…………...…………………………………………………………...… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width).……………………………………….. 100mA
Operating Temperature Range …………………………………………………...…. -25°C to +85°C
Storage Temperature Range..………….………………………………………….... -40°C to +100°C
Soldering Temperature (1.6mm below body)....…………………………………………….… 260°C for 5 seconds
Power Dissipation……………………………………………………………………………. 120mW
Electrostatic discharge (ESD)……………………………………………………………….... 6000V
PL16 Series 5mm (T1¾) Ultra Bright White LED
Features
*Popular 5mm LED Lens Style
with Flange
*Very High Light Output
*Reliable and Rugged
*Wide Viewing Angle
*Integrated Zener Diode for
ESD protection
*RoHS Complaint
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1mm down the leads.
8.7
24.0Min.
1.5typ.
2.54 ±0.1
1.0
0.5 Square
5.9
Anode
5.0
6-06-07 Rev 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101


Similar Part No. - PL16I-WCW15Z

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16-CDA02 P-TEC-PL16-CDA02 Datasheet
30Kb / 1P
   5MM T1쩐 Amber LED
PL16-CDG13 P-TEC-PL16-CDG13 Datasheet
30Kb / 1P
   5MM T1쩐 Green LED
PL16-CDG13 P-TEC-PL16-CDG13 Datasheet
30Kb / 1P
   5MM T1 3/4 Green LED
PL16-CDG13 P-TEC-PL16-CDG13_14 Datasheet
76Kb / 1P
   Popular 5mm Lens Style
PL16-CDG15 P-TEC-PL16-CDG15 Datasheet
30Kb / 1P
   5MM T1쩐 Hi-Eff Green LED
More results

Similar Description - PL16I-WCW15Z

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16B-WCW15Z P-TEC-PL16B-WCW15Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright White LED
PL16E-WCW15Z P-TEC-PL16E-WCW15Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright White LED
PL16C-WCW09Z P-TEC-PL16C-WCW09Z Datasheet
29Kb / 1P
   5mm (T1쩐) Ultra Bright White LED
PL16H-WCW15Z P-TEC-PL16H-WCW15Z Datasheet
29Kb / 1P
   5mm (T1쩐) Ultra Bright White LED
PL16C-WCW15Z P-TEC-PL16C-WCW15Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright White LED
PL16C-WCW13Z P-TEC-PL16C-WCW13Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright White LED
PL16F-WCW15Z P-TEC-PL16F-WCW15Z Datasheet
29Kb / 1P
   5mm (T1쩐) Ultra Bright White LED
PL16C-WCW15Z P-TEC-PL16C-WCW15Z_07 Datasheet
30Kb / 1P
   PL16 Series 5mm (T1쩐) Ultra Bright White LED
PL16B-WCY08 P-TEC-PL16B-WCY08 Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Yellow LED
PL16E-WCG04Z P-TEC-PL16E-WCG04Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Turquoise LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com