Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-120P-24 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # AS-120P-24
Description  120WAC-DC Single Output Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

AS-120P-24 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  AS-120P-24 Datasheet HTML 1Page - RSG Electronic Components GmbH AS-120P-24 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
FileName:AS-120P-SPEC2006-11-17
AMBIENTTEMPERATURE(
)
0
20
10
30
40
20
40
50
80
60
100
60
50
70
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
110
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
R7B
35
C"+"
Inside
Inside
Outside
Outside
C"+"
(HORIZONTAL)
DeratingCurve
StaticCharacteristics
120W AC-DCSingleOutputDesktop
A S - 1 2 0 P series
CaseNo.947A
Unit:mm
P/N
CENTER
P1M
Plug Assignment
Standardplug(For20V,24V,48Vonly)
1200 50
1200 50
167
167
35
16AWG 2C
16AWG 2C
1 4
2 3
11
11
Standardplug(For12V,15Vonly)
PINNO
1,4
2,3
OUTPUT
+V
-V
2
3
1
4
OUTPUT
+
ID2.5xOD5.5
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - AS-120P-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
AS-120P-24 MEANWELL-AS-120P-24 Datasheet
263Kb / 2P
   120WAC-DC Single Output Desktop
More results

Similar Description - AS-120P-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
AS-120P MEANWELL-AS-120P Datasheet
263Kb / 2P
   120WAC-DC Single Output Desktop
GS120 MEANWELL-GS120_12 Datasheet
166Kb / 2P
   120WAC-DC Single Output Desktop
GS120 MEANWELL-GS120 Datasheet
138Kb / 2P
   120WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_11 Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
GS90 MEANWELL-GS90 Datasheet
127Kb / 2P
   90WAC-DC Single Output Desktop
FM90C MEANWELL-FM90C Datasheet
128Kb / 2P
   90WAC-DC Single Output Desktop
GS220 MEANWELL-GS220_12 Datasheet
189Kb / 2P
   220WAC-DC Single Output Desktop
GS160 MEANWELL-GS160_12 Datasheet
263Kb / 2P
   160WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_12 Datasheet
148Kb / 2P
   40WAC-DC Single Output Desktop
GS60 MEANWELL-GS60 Datasheet
131Kb / 2P
   60WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com