Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHB75W-48S33 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CHB75W-48S33
Description  37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CHB75W-48S33 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CHB75W-48S33 Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
100
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
CASE HB
All Dimensions In Inches(mm)
2.40
(61.00)
(2.03)
2pl.
0.50
(12.70)
SIDE VIEW
0.18 min.
(4.60) 2*R1.50
Mounting Inserts
M3*0.5 Through 4pl.
1.40
(35.56)
2.00
(50.8)
0.60
(15.24)
4
3
2
1
5
6
7
8
9
1.90
(48.25)
2.28
(57.90)
BOTTOM VIEW
(1.02)
7pl.
CHB75W
CHB75W
S
E
R
I
E
S
Features
• 37.5W-75W Isolated Output
• Regulated Outputs
• Efficiency to 84%
• Continuous Short Circuit Protection
• 300KHz Switching Frequency
• Five-Sided Metal Case
• 4 : 1 Input Range
• Industry Standard Half-Brick Package
99
37.5 TO 75 WATT WIDE INPUT
DC-DC CONVERTERS
SINGLE OUTPUT
External Output Trim
-SENSE (6)
+SENSE (8)
TRIM (7)
10K ohms
TRIMPOT
-SENSE (6)
TRIM UP
TRIM (7)
TRIM DOWN
+SENSE (8)
PIN CONNECTION
Pin
Function
1.
2.
3.
4.
5.
6.
7.
8.
9.
+Vin
ON/OFF
CASE
-Vin
-Vout
-Sense
Trim
+Sense
+Vout
GENERAL SPECIFICATIONS:
Efficiency.................................................................................. See Table
Isolation Voltage ...........................Input/Output............1500VDC min.
Input/Case...............1500VDC min.
Output/Case............1500VDC min.
Isolation Resistance ...........................................................107 ohm min.
Switching Frequency ..........................................................300KHz, Typ.
Operating Case Temperature ......................................-40˚C to 100˚C
Storage Temperature ................................................. -55˚C to +105˚C
Thermal Shutdown, Case Temp. ..........................................100˚C Typ.
Dimensions ...........................................................2.28x2.40x0.50 inches
(57.9x61.0x12.7 mm)
Case Material .........................................................................Aluminum
Weight..................................................................................................94g
NOTE:
1. Measured From High Line to Low Line.
2. Measured From Full Load to Zero Load.
3. Logic Compatibility ............... Open Collector Ref. to -Input
Module ON ............. Open Circuit
Module OFF ............... < 0.8Vdc
4. Suffix "N" to the Model Number with Negative Logic Remote
ON/OFF.
ON/OFF (2)
HIGH SIGNAL HERE
DISABLE OUTPUT
-VIN (4)
Pin
Tolerances
Inches
.XX
±.02
.XXX
±.010
±0.02
Millimeters
.X
±.5
.XX
±.25
±0.5
Remote ON/OFF Control
INPUT SPECIFICATIONS:
Input Voltage Range........................................................48V............18-75V
Undervoltage lockout .............................. 48Vin power up..................17V
power down ................16V
Positive Logic Remote ON/OFF3.4
Input Filter ......................................................................................... PI Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy : .....................................................................
±1% max.
Transient Response :25% Step Load Change ..........................<500
µ sec.
External Trim Adj. Range ......................................................................
±10%
Ripple & Noise, 20MHz BW, 3.3V & 5V .......................... 40mV RMS., max.
100mV pk-pk, max.
12V & 15V .......................... 60mV RMS., max.
150mV pk-pk, max.
24V .....................................100mV RMS., max.
240mV pk-pk, max.
Temperature Coefficient............................................................
±0.03%/˚C
Short Circuit Protection..............................................................Continuous
Line Regulation1 ..........................................................................
±0.2% max.
Load Regulation2 .......................................................................
±0.2% max.
Over Voltage Protection trip Range, % Vo nom.........................115-140%
Current Limit .................................................110% ~160% Nominal Output
18-75 VDC
18-75 VDC
18-75 VDC
18-75 VDC
18-75 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
15 A
15 A
6.25 A
5 A
3.12 A
50 mA
50 mA
50 mA
50 mA
50 mA
1320 mA
1905 mA
1860 mA
1860 mA
1860 mA
HB
HB
HB
HB
HB
78
82
84
84
84
CHB75W-48S33
CHB75W-48S05
CHB75W-48S12
CHB75W-48S15
CHB75W-48S24
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
%EFF
CASE
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
NOTE : 1. Nominal Input Voltage 48 VDC
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - CHB75W-48S33

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CHB75W-48S33 CINCON-CHB75W-48S33 Datasheet
238Kb / 2P
   49.5 TO 75 WATT 4:1 INPUT RANGE DC-DC CONVERTERS SINGLE OUTPUT
More results

Similar Description - CHB75W-48S33

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CHB75 RSG-CHB75 Datasheet
174Kb / 5P
   37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE & DUAL OUTPUT
CHB150 RSG-CHB150 Datasheet
75Kb / 2P
   75 TO 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
CINCON ELECTRONICS Corp...
CHB75 CINCON-CHB75 Datasheet
183Kb / 2P
   49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
RSG Electronic Componen...
CHB75-D RSG-CHB75-D Datasheet
1Mb / 1P
   75 WATT WIDE INPUT DC-DC CONVERTERS DUAL OUTPUT
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
   200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
EC2SC-24S18 RSG-EC2SC-24S18 Datasheet
1Mb / 1P
   14.4 TO 25 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB50W RSG-CHB50W Datasheet
1Mb / 1P
   25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB50 RSG-CHB50 Datasheet
93Kb / 2P
   25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB100 RSG-CHB100 Datasheet
46Kb / 1P
   50 TO 100 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
CINCON ELECTRONICS Corp...
CHB50W CINCON-CHB50W Datasheet
211Kb / 2P
   33 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com