Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHB75-12S24 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CHB75-12S24
Description  37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE & DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CHB75-12S24 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CHB75-12S24 Datasheet HTML 1Page - RSG Electronic Components GmbH CHB75-12S24 Datasheet HTML 2Page - RSG Electronic Components GmbH CHB75-12S24 Datasheet HTML 3Page - RSG Electronic Components GmbH CHB75-12S24 Datasheet HTML 4Page - RSG Electronic Components GmbH CHB75-12S24 Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications
74
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
CASE HB
All Dimensions In Inches(mm)
2.40
(61.00)
Ø0.08
(2.03)
2pl.
0.50
(12.70)
SIDE VIEW
0.18 min.
(4.60)
2*R1.50
Mounting Inserts
M3*0.5 Through 4pl.
1.40
(35.56)
2.00
(50.8)
0.60
(15.24)
4
3
2
1
5
6
7
8
9
1.90
(48.25)
2.28
(57.90)
BOTTOM VIEW
Ø0.04
(1.02)
7pl.
CHB75
CHB75
S
E
R
I
E
S
Features
• 37.5W-75W Isolated Output
• Regulated Outputs
• Efficiency to 85%
• Continuous Short Circuit Protection
• 300KHz Switching Frequency
• Five-Sided Metal Case
• 2 : 1 Input Range
• Industry Standard Half-Brick Package
73
37.5 TO 75 WATT WIDE INPUT
DC-DC CONVERTERS
SINGLE OUTPUT
External Output Trim
-SENSE (6)
+SENSE (8)
TRIM (7)
10K ohms
TRIMPOT
-SENSE (6)
TRIM UP
TRIM (7)
TRIM DOWN
+SENSE (8)
PIN CONNECTION
Pin
Function
1.
2.
3.
4.
5.
6.
7.
8.
9.
+Vin
ON/OFF
CASE
-Vin
-Vout
-Sense
Trim
+Sense
+Vout
GENERAL SPECIFICATIONS:
Efficiency....................................................................................See Table
Isolation Voltage ...........................Input/Output............. 1500VDC min.
Input/Case................ 1500VDC min.
Output/Case............. 1500VDC min.
Isolation Resistance ............................................................ 10
7 ohm min.
Switching Frequency .................(12/24)Vin......................... 400KHz ,Typ.
48Vin................................. 300KHz ,Typ.
Operating case Temperature ....................................... -40˚C to 100˚C
Storage Temperature ................................................... -55˚C to +105˚C
Thermal Shutdown, Case Temp. .............................................100˚C Typ.
Dimensions ............................................................2.28x2.40x0.50 inches
(57.9x61.0x12.7 mm)
Case Material ......................................................................... Aluminum
NOTE:
1. Measured From High Line to Low Line.
2. Measured From Full Load to Zero Load.
3. Logic Compatibility ............... Open Collector ref to -Input
Module ON ............. Open Circuit
Module OFF ............... < 0.8Vdc
4. Suffix "N" to the Model Number with Negative Logic Remote
ON/OFF.
ON/OFF (2)
HIGH SIGNAL HERE
DISABLE OUTPUT
-VIN (4)
Pin
Tolerances
Inches
.XX±.02
.XXX±.010
±0.02
Millimeters
.X±.5
.XX±.25
±0.5
Remote ON/OFF Control
9-18 VDC
18-36 VDC
36-75 VDC
2.5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
2.5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
2.5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
15A
15A
15A
6.25A
5A
3.13A
15A
15A
15A
6.25A
5A
3.13A
15A
15A
15A
6.25A
5A
3.13A
50 mA
50 mA
50 mA
4110 mA
5290 mA
7715 mA
7440 mA
7440 mA
7440 mA
2029 mA
2610 mA
3810 mA
3675 mA
3675 mA
3640 mA
1015 mA
1305 mA
1883 mA
1838 mA
1838 mA
1820 mA
HB
HB
HB
76
78
81
84
84
84
77
79
82
85
85
86
77
79
83
85
85
86
CHB75-12S25
CHB75-12S33
CHB75-12S05
CHB75-12S12
CHB75-12S15
CHB75-12S24
CHB75-24S25
CHB75-24S33
CHB75-24S05
CHB75-24S12
CHB75-24S15
CHB75-24S24
CHB75-48S25
CHB75-48S33
CHB75-48S05
CHB75-48S12
CHB75-48S15
CHB75-48S24
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
%EFF
CASE
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
NOTE : 1. Nominal Input Voltage 12, 24 & 48 VDC
Only for Nominal Input Voltage 24 & 48 VDC
INPUT SPECIFICATIONS:
Input Voltage Range........................................................ 12V............9-18V
24V............18-36V
48V............ 36-75V
Undervoltage lockout .............................. 12Vin power up ...............8.8V
power down .................8V
24Vin power up ............... 17V
power down ............. 16V
48Vin power up ............... 34V
power down ............. 32.5V
Positive Logic Remote ON/OFF ( see note 3 & 4 )
Input Filter ......................................................................................... PI Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy : ..................................................................... ±1% max.
Transient Response :25% Step Load Change ..........................<500µ sec.
External Trim Adj. Range ......................................................................±10%
Ripple & Noise, 20MHz BW, 2.5V & 3.3V & 5V .............. 20mV RMS., max.
75mV pk-pk, max.
12V & 15V .......................... 30mV RMS., max.
100mV pk-pk, max.
24V .......................... 100mV RMS., max.
240mV pk-pk, max.
Temperature Coefficient............................................................ ±0.03%/˚C
Short Circuit Protection..............................................................Continuous
Line Regulation
1 ..........................................................................±0.2% max.
Load Regulation
2
.......................................................................±0.2% max.
Over Voltage Protect trip Range, % Vo nom.............................115-140%
Current Limit .................................................110% ~150% Nominal Output
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - CHB75-12S24

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CHB75-12S24 CINCON-CHB75-12S24 Datasheet
183Kb / 2P
   49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results

Similar Description - CHB75-12S24

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CHB75W RSG-CHB75W Datasheet
1Mb / 1P
   37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75-D RSG-CHB75-D Datasheet
1Mb / 1P
   75 WATT WIDE INPUT DC-DC CONVERTERS DUAL OUTPUT
CHB150 RSG-CHB150 Datasheet
75Kb / 2P
   75 TO 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
CINCON ELECTRONICS Corp...
CHB75 CINCON-CHB75 Datasheet
183Kb / 2P
   49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Artesyn Technologies
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
   Single and dual output 20 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
   Single and dual output 15 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
   200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
EC2SC-24S18 RSG-EC2SC-24S18 Datasheet
1Mb / 1P
   14.4 TO 25 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com