Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHB100-48S05 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CHB100-48S05
Description  50 TO 100 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CHB100-48S05 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CHB100-48S05 Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
82
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
CASE HB
All Dimensions In Inches(mm)
Mounting Inserts
M3*0.5 Through 4pl.
2.00
(50.80)
1.40
(35.56)
0.60
(15.24)
4
3
2
1
5
6
7
8
9
2.40
(61.00)
Ø0.04
(1.02)
7pl.
Ø0.08
(2.03)
2pl.
0.50
(12.70)
0.18 min.
(4.60)
2*R1.5
1.90
(48.26)
2.28
(57.90)
BOTTOM VIEW
SIDE VIEW
CHB100
CHB100
S
E
R
I
E
S
Features
• 50-100W Isolated Output
• Regulated Outputs
• Efficiency to 85%
• Continuous Short Circuit Protection
• 500KHz Switching Frequency
• Five-Sided Metal Case
• 2 : 1 Input Range
• Industry Standard Half-Brick Package
81
50 TO 100 WATT WIDE INPUT
DC-DC CONVERTERS
SINGLE OUTPUT
External Output Trim
-SENSE (6)
+SENSE (8)
TRIM (7)
10K ohms
TRIMPOT
-SENSE (6)
TRIM UP
TRIM (7)
TRIM DOWN
+SENSE (8)
PIN CONNECTION
Pin
Function
1.
2.
3.
4.
5.
6.
7.
8.
9.
+Vin
ON/OFF
CASE
-Vin
-Vout
-Sense
Trim
+Sense
+Vout
INPUT SPECIFICATIONS:
Input Voltage Range...................................................... 24V............18-36V
48V............36-75V
Undervoltage lockout .............................. 24Vin power up ............... 17V
24Vin power down ............. 16V
48Vin power up ............... 34V
48Vin power down ............. 32.5V
Positive Logic Remote ON/OFF
3.4
Input Filter ......................................................................................... PI Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy : ..................................................................... ±1% max.
Transient Response :25% Step Load Change ..........................<500µ sec.
External Trim Adj. Range ......................................................................±10%
Ripple & Noise, 20MHz BW, 2.5V & 3.3V & 5V .............. 40mV RMS., max.
100mV pk-pk, max.
12V & 15V .......................... 60mV RMS., max.
150mV pk-pk, max.
24V ........................ 100mV RMS., max.
240mV pk-pk, max.
Temperature Coefficient............................................................ ±0.03%/˚C
Short Circuit Protection..............................................................Continuous
Line Regulation
1 ..........................................................................±0.2% max.
Load Regulation
2 ........................................................................±0.2% max.
Over Voltage Protection trip Range ,% Vo nom. ......................115-140%
Current Limit .................................................110% ~140% Nominal Output
GENERAL SPECIFICATIONS:
Efficiency....................................................................................See Table
Isolation Voltage ...........................Input/Output............. 1500VDC min.
Input/Case................ 1500VDC min.
Output/Case............. 1500VDC min.
Isolation Resistance ............................................................ 10
7 ohm min.
Switching Frequency ........................................................... 500KHz ,Typ.
Operating case Temperature ....................................... -40˚C to 100˚C
Storage Temperature ................................................... -40˚C to +105˚C
Thermal Shutdown, Case Temp. .............................................100˚C Typ.
Dimensions ............................................................2.28x2.40x0.50 inches
(57.9x61.0x12.7 mm)
Case Material ..........................................................................Aluminum
NOTE:
1. Measured From High Line to Low Line.
2. Measured From Full Load to Zero Load.
3. Logic Compatibility ............... Open Collector ref to -Input
Module ON ............. Open Circuit
Module OFF ............... < 0.8Vdc
4. Suffix "N" to the Model Number with Negative Logic Remote
ON/OFF.
ON/OFF (2)
HIGH SIGNAL HERE
DISABLE OUTPUT
-VIN (4)
Pin
Tolerances
Inches
.XX±.02
.XXX±.010
±0.02
Millimeters
.X±.5
.XX±.250
±0.5
NOTE : 1. Nominal Input Voltage 24 or 48 VDC
Remote ON/OFF Control
E176177
®
US
18-36 VDC
36-75 VDC
2.5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
2.5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
20A
20A
20A
8.3A
6.7A
4.17A
20A
20A
20A
8.3A
6.7A
4.17A
50 mA
50 mA
2705 mA
3480 mA
5020 mA
4880 mA
4925 mA
4905 mA
1335 mA
1720 mA
2480 mA
2442 mA
2463 mA
2463 mA
HB
HB
77
79
83
85
85
85
78
80
84
85
85
85
CHB100-24S25
CHB100-24S33
CHB100-24S05
CHB100-24S12
CHB100-24S15
CHB100-24S24
CHB100-48S25
CHB100-48S33
CHB100-48S05
CHB100-48S12
CHB100-48S15
CHB100-48S24
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
%EFF
CASE
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD


Similar Part No. - CHB100-48S05

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CHB100-48S05 CINCON-CHB100-48S05 Datasheet
129Kb / 2P
   66 - 100 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results

Similar Description - CHB100-48S05

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CHB50W RSG-CHB50W Datasheet
1Mb / 1P
   25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB50 RSG-CHB50 Datasheet
93Kb / 2P
   25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
CINCON ELECTRONICS Corp...
CHB50W CINCON-CHB50W Datasheet
211Kb / 2P
   33 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB50 CINCON-CHB50 Datasheet
207Kb / 2P
   33 - 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB100 CINCON-CHB100 Datasheet
129Kb / 2P
   66 - 100 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
RSG Electronic Componen...
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
   200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
List of Unclassifed Man...
WR12T05-12 ETC1-WR12T05-12 Datasheet
51Kb / 4P
   50 to 60 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
EC2SC-24S18 RSG-EC2SC-24S18 Datasheet
1Mb / 1P
   14.4 TO 25 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB150 RSG-CHB150 Datasheet
75Kb / 2P
   75 TO 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75W RSG-CHB75W Datasheet
1Mb / 1P
   37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com