Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0515T-1W Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # B0515T-1W
Description  1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

B0515T-1W Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  B0515T-1W Datasheet HTML 1Page - RSG Electronic Components GmbH B0515T-1W Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice.
B_(X)T-1W
A/0-2007
Page 2 of 2
COMMON SPECIFICATION
APPLICATION NOTE
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
260
°C
Cooling
Free air convection
Isolation voltage
Tested for 1 minute and 1mA max 1000
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Short circuit protection
1 second(Max)
Case material
Plastic(UL94-V0)
MTBF
3500
K Hours
Weigh
1.41
g
TYPICAL CHARACTERISTICS
Operating Temp.( C)
o
RECOMMENDED REFLOW SOLDERING PROFILE
0
50
100
150
200
250
Time ( sec .)
22 0 C
o
10
M ax
Sec
26 0 C
o
90
Max
(>220 C )
o
Sec
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
FOOTPRINT DETAILS
Pin
Duals
1
2
4
3,6,7
5
Vin
GND
+Vo
0V
8
NC
NC:No Connection
Single
Vin
GND
+V0
NC
0V
NC
Note:
Unit:mm(inch)
Pin section:0.60*0.25mm(0.024*0.010inch)
Pin tolerances: 0.10mm( 0.004inch)
General tolerances: 0.15mm( 0.006inch)
+
+
+
+
First Angle Projection
RECOMMENDED FOOTPRINT
Top view,grid:2.54mm(0.1inch)
12 34
5
87 6
B_T-1W
2.54
0.25
1.35MAX
0.50
5.00
1.85MAX
0.3
A
6.76
7.19
12.70
7.62
2.54 0.1
±
0.60 0.05
±
(Side view)
(Top view)
(0.100) (0.100)
(0.500)
(0.300)
(0.100 0.004)
±
(0.024 0.002)
±
(0.266)
(0.073)
(0.283)
(0.012)
(0.020)
(0.053)
12
4
5
8
B_(X)T-1W
NO Pin
Requirement on output load
To ensure this module can operate efficiently and
reliably, During operation, the minimum output load
is not less than 10% of the full load, and that this
product should never be operated under no
load!
If the actual output power is very small,
please connect a resistor with proper resistance at
the output end in parallel to increase the load.
Recommended testing circuit
If you want to further decrease the input/output
ripple, an “LC” filtering network may be connected
to the input and output ends of the DC/DC
converter, see (Figure 1).
L
Single Output
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
It should also be noted that the inductance and the
frequency of the “LC” filtering network should be
staggered with the DC/DC frequency to avoid
mutual interference. However, the capacitance of
the output filter capacitor must be proper. If the
capacitance is too big, a startup problem might
arise. For every channel of output, provided the
safe and reliable operation is ensured, the greatest
capacitance of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (Table 1)
Vin
(VDC)
Cin
(uF)
Vout
(VDC)
Cout
(uF)
3.3
4.7
3.3
/
10
5
4.7
5
10
12
2.2
9
4.7
24
0.47
12
2.2
-
-
15
1
-
-
24
0.47
It’s not recommend to connect any external capacitor
in the application field with less than 0.5 watt output.
Output Voltage Regulation and Over-voltage
Protection Circuit
The simplest device for output voltage regulation,
over-voltage and over-current protection is a linear
voltage regulator with overheat protection that is
connected to the input or output end in series
(Figure2).
Vin
GND
Vin
GND
REG
+Vout
0V
+Vout
DC DC
DC DC
REG
0V
Figure2)
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection against
over-current and short-circuits. The simplest
method is to connect a self-recovery fuse in series
at the input end or add a circuit breaker to the
circuit.
No parallel connection or plug and play.
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - B0515T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0515T-W2 MORNSUN-B0515T-W2 Datasheet
209Kb / 4P
   DC/DC Converter
More results

Similar Description - B0515T-1W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
logo
Microdc power Technolog...
F-XMS MICRODC-F-XMS Datasheet
524Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1MD8A GAPTEC-1MD8A Datasheet
753Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8CE GAPTEC-1T8CE Datasheet
871Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A-3.5U GAPTEC-1T8A-3.5U Datasheet
1Mb / 4P
   1W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T8A GAPTEC-1T8A Datasheet
1Mb / 5P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8CE-3UP GAPTEC-1T8CE-3UP Datasheet
872Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8E GAPTEC-1T8E Datasheet
1Mb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A-3UP GAPTEC-1T8A-3UP Datasheet
1Mb / 5P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com