Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76150 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS76150
Description  LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76150 Datasheet(HTML) 1 Page - Texas Instruments

  TPS76150 Datasheet HTML 1Page - Texas Instruments TPS76150 Datasheet HTML 2Page - Texas Instruments TPS76150 Datasheet HTML 3Page - Texas Instruments TPS76150 Datasheet HTML 4Page - Texas Instruments TPS76150 Datasheet HTML 5Page - Texas Instruments TPS76150 Datasheet HTML 6Page - Texas Instruments TPS76150 Datasheet HTML 7Page - Texas Instruments TPS76150 Datasheet HTML 8Page - Texas Instruments TPS76150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPS76130, TPS76132, TPS76133, TPS76138, TPS76150
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS178A – DECEMBER 1998 – REVISED FEBRUARY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 100-mA Low-Dropout Regulator
D Fixed Output Voltage Options: 5 V, 3.8 V,
3.3 V, 3.2 V, and 3 V
D Dropout Typically 170 mV at 100-mA
D Thermal Protection
D Less Than 1 µA Quiescent Current in
Shutdown
D –40°C to 125°C Operating Junction
Temperature Range
D 5-Pin SOT-23 (DBV) Package
D ESD Protection Verified to 1.5 KV Human
Body Model (HBM) per MIL-STD-883C
description
The TPS761xx is a 100 mA, low dropout (LDO) voltage regulator designed specifically for battery-powered
applications. A proprietary BiCMOS fabrication process allows the TPS761xx to provide outstanding
performance in all specifications critical to battery-powered operation.
The TPS761xx is available in a space-saving SOT-23 (DBV) package and operates over a junction temperature
range of –40
°C to 125°C.
AVAILABLE OPTIONS
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
3 V
TPS76130DBVR†
TPS76130DBVT‡
PAEI
3.2 V
SOT 23
TPS76132DBVR†
TPS76132DBVT‡
PAFI
–40
°C to 125°C
3.3 V
SOT-23
(DBV)
TPS76133DBVR†
TPS76133DBVT‡
PAII
3.8 V
(DBV)
TPS76138DBVR†
TPS76138DBVT‡
PAKI
5 V
TPS76150DBVR†
TPS76150DBVT‡
PALI
† The DBVR passive indicates tape and reel of 3000 parts.
‡ The DBVT passive indicates tape and reel of 250 parts.
functional block diagram
Current
Limit
CS
§
Vref +
Thermal
Sense
IN
EN
GND
OUT
§ Current sense
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32
1
45
EN
GND
IN
OUT
NC
DBV PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated


Similar Part No. - TPS76150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76150 TI-TPS76150 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76150DBVR TI-TPS76150DBVR Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76150DBVR TI-TPS76150DBVR Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76150DBVRG4 TI-TPS76150DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76150DBVT TI-TPS76150DBVT Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76150DBVTG4 TI-TPS76150DBVTG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com