Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76328 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS76328
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76328 Datasheet(HTML) 5 Page - Texas Instruments

  TPS76328 Datasheet HTML 1Page - Texas Instruments TPS76328 Datasheet HTML 2Page - Texas Instruments TPS76328 Datasheet HTML 3Page - Texas Instruments TPS76328 Datasheet HTML 4Page - Texas Instruments TPS76328 Datasheet HTML 5Page - Texas Instruments TPS76328 Datasheet HTML 6Page - Texas Instruments TPS76328 Datasheet HTML 7Page - Texas Instruments TPS76328 Datasheet HTML 8Page - Texas Instruments TPS76328 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
5
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = IN, Co = 4.7 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 1 mA to 100 mA,
TJ = 25°C
3.234
3.3
3.366
TPS76333
IO = 1 mA to 100 mA
3.201
3.3
3.399
V
TPS76333
IO = 1 mA to 150 mA,
TJ = 25°C
3.218
3.3
3.382
V
IO = 1 mA to 150 mA
3.177
3.3
3.423
IO = 1 mA to 100 mA,
TJ = 25°C
3.724
3.8
3.876
VO
Output voltage
TPS76338
IO = 1 mA to 100 mA
3.705
3.8
3.895
V
VO
Output voltage
TPS76338
IO = 1 mA to 150 mA,
TJ = 25°C
3.686
3.8
3.914
V
IO = 1 mA to 150 mA
3.667
3.8
3.933
IO = 1 mA to 100 mA,
TJ = 25°C
4.875
5
5.125
TPS76350
IO = 1 mA to 100 mA
4.825
5
5.175
V
TPS76350
IO = 1 mA to 150 mA,
TJ = 25°C
4.750
5
5.15
V
IO = 1 mA to 150 mA
4.80
5
5.20
I(Q)
Quiescent current
IO = 0 to 150 mA,
TJ = 25°C (1)
85
100
I(Q)
Quiescent current
(GND terminal current)
IO = 0 to 150 mA
(2)
140
A
Standby current
EN < 0.5 V,
TJ = 25°C
0.5
1
µA
Standby current
EN < 0.5 V
2
Vn
Output noise voltage
BW = 300 Hz to 50 kHz,
TJ = 25°C,
Co = 10 µF (2)
140
µV
PSRR
Ripple rejection
f = 1 kHz, Co = 10 µF,
TJ = 25°C (2)
60
dB
Current limit
TJ = 25°C
(3)
0.5
0.8
1.5
A
Output voltage line regulation
VO + 1 V < VI ≤ 10 V,
VI ≥ 3.5 V, TJ = 25°C
0.04
0.07
%/V
Output voltage line regulation
(
∆VO/VO) (see Note 3)
VO + 1 V < VI ≤ 10 V,
VI ≥ 3.5 V
0.1
%/V
VIH
EN high level input
(2)
1.4
2
V
VIL
EN low level input
(2)
0.5
1.2
V
II
EN input current
EN = 0 V
−0.01
−0.5
A
II
EN input current
EN = IN
−0.01
−0.5
µA
(1) Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater.
(2) Test condition includes, output voltage VO=0 volts (for variable device FB is shorted to VO), and pulse duration = 10 mS.
(3) If VO < 2.5 V and VImax = 10 V, VImin = 3.5 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
3.5 V
100
1000
If VO > 2.5 V and VImax = 10 V, VImin = VO + 1 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
V
O )
1
100
1000


Similar Part No. - TPS76328

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76328DBV TI1-TPS76328DBV Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76328DBVR TI1-TPS76328DBVR Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
TECH PUBLIC Electronics...
TPS76328DBVR-TP TECHPUBLIC-TPS76328DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76328DBVR-TP TECHPUBLIC-TPS76328DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76328DBVR-TP TECHPUBLIC-TPS76328DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
More results

Similar Description - TPS76328

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com