Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71H33QPWPRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS71H33QPWPRG4
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71H33QPWPRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS71H33QPWPRG4 Datasheet HTML 1Page - Texas Instruments TPS71H33QPWPRG4 Datasheet HTML 2Page - Texas Instruments TPS71H33QPWPRG4 Datasheet HTML 3Page - Texas Instruments TPS71H33QPWPRG4 Datasheet HTML 4Page - Texas Instruments TPS71H33QPWPRG4 Datasheet HTML 5Page - Texas Instruments TPS71H33QPWPRG4 Datasheet HTML 6Page - Texas Instruments TPS71H33QPWPRG4 Datasheet HTML 7Page - Texas Instruments TPS71H33QPWPRG4 Datasheet HTML 8Page - Texas Instruments TPS71H33QPWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TPS71H01Q, TPS71H33Q, TPS71H48Q, TPS71H50Q
LOW-DROPOUT VOLTAGE REGULATORS
SLVS152B – NOVEMBER 1996 – REVISED AUGUST 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
0.1
0.05
0
0
0.05 0.1 0.15 0.2 0.25 0.3
0.15
0.2
0.25
0.35 0.4 0.45 0.5
IO – Output Current – A
TA = 25°C
TPS71H48
TPS71H50
TPS71H33
Figure 1. Dropout Voltage Versus Output Current
Power good (PG) reports low output voltage and can be used to implement a power-on reset or a low-battery
indicator.
The TPS71Hxx is offered in 3.3-V, 4.85-V, and 5-V fixed-voltage versions and in an adjustable version
(programmable over the range of 1.2 V to 9.75 V). Output voltage tolerance is specified as a maximum of 2%
over line, load, and temperature ranges (3% for adjustable version). The TPS71Hxx family is available in a
TSSOP (20-pin) thermally enhanced surface-mount power package. The package has an innovative thermal
pad that, when soldered to the printed-wiring board (PWB), enables the device to dissipate several watts of
power (see Thermal Information section). Maximum height of the package is 1.2 mm.
AVAILABLE OPTIONS
TJ
OUTPUT VOLTAGE
(V)
TSSOP
(PWP)
TJ
MIN
TYP
MAX
(PWP)
4.9
5
5.1
TPS71H50QPWPLE
4.75
4.85
4.95
TPS71H48QPWPLE
– 55
°C to 150°C
3.23
3.3
3.37
TPS71H33QPWPLE
Adjustable†
1.2 V to 9.75 V
TPS71H01QPWPLE
† The PWP package is only available left-end taped and reeled, as indicated
by the LE suffix on the device type. The TPS71H01Q is programmable using
an external resistor divider (see application information).


Similar Part No. - TPS71H33QPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71H33QPWPRQ1 TI1-TPS71H33QPWPRQ1 Datasheet
665Kb / 41P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS71H33QPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com