Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL102-2Y01 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL102-2Y01
Description  1.8mm Miniature Bi-Level LED Holder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL102-2Y01 Datasheet(HTML) 1 Page - P-tec Corporation

  PL102-2Y01 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01-19-07 Rev 0 RS
PL102 Series 1.8mm Miniature Bi-Level LED Holder
Features
*Miniature Bi-Level LED Holder,
Right Angled
*Space saving Circuit Board Indicator
*High Light Output
*Housing Material Black Nylon UL94V-2
*2 Yellow LEDs with Color Diffused
Lens used
*Color Arranged from Top to Bottom
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100 µA)………………….. ……...…...………………………..… 5.0V
Max Forward Current…….…………..………………….……..……...………..… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width).…........…...……………... 100mA
Operating Temperature Range ……………………………...……….…. -25°C to + 85°C
Storage Temperature Range ……………….....……...……………...… -40°C to +100°C
Soldering Temperature (1.6 mm below body)………....….…………….… 260°C for 5 seconds
Power Dissipation………………………………………………………………… 78mW
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Color Diffused Lens
nm
Deg
Typ
Max
Min
Typ
PL102-2Y01
Yellow
585
30°
2.1
2.6
20.0
37.0
Chip
Material
GaAsP
Dominant
Wave
Length
nm
590
All dimensions are in Millimeters. Tolerance is ± 0.5mm unless otherwise specified.
1.5
8.29
5.0
2.54
0.4
3.18
P-tec
6.08
1.77
2.54
2.54
0.5
4.5
Anode
0.55
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101


Similar Part No. - PL102-2Y01

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL102-2Y01 P-TEC-PL102-2Y01_14 Datasheet
31Kb / 1P
   1.8mm Miniature Bi-Level LED Holder
More results

Similar Description - PL102-2Y01

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL102-2R12 P-TEC-PL102-2R12_14 Datasheet
31Kb / 1P
   1.8mm Miniature Bi-Level LED Holder
PL102-2R24 P-TEC-PL102-2R24_14 Datasheet
31Kb / 1P
   1.8mm Miniature Bi-Level LED Holder
PL102-2Y01 P-TEC-PL102-2Y01_14 Datasheet
31Kb / 1P
   1.8mm Miniature Bi-Level LED Holder
PL102-2G13 P-TEC-PL102-2G13 Datasheet
30Kb / 1P
   1.8mm Miniature Bi-Level LED Holder
PL102-2G13 P-TEC-PL102-2G13_14 Datasheet
31Kb / 1P
   1.8mm Miniature Bi-Level LED Holder
PL102-2R24 P-TEC-PL102-2R24 Datasheet
30Kb / 1P
   1.8mm Miniature Bi-Level LED Holder
PL102-2R12 P-TEC-PL102-2R12 Datasheet
30Kb / 1P
   1.8mm Miniature Bi-Level LED Holder
PL102-1Y1G01131 P-TEC-PL102-1Y1G01131 Datasheet
31Kb / 1P
   PL102 Series 1.8mm Miniature Bi-Level LED Holder
PL103-3G13 P-TEC-PL103-3G13_14 Datasheet
32Kb / 1P
   1.8mm Miniature Tri-Level LED Holder
PL103-3R24 P-TEC-PL103-3R24 Datasheet
31Kb / 1P
   1.8mm Miniature Tri-Level LED Holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com