Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2156MPG-13 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2156MPG-13
Description  0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2156MPG-13 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2156MPG-13 Datasheet HTML 5Page - Diodes Incorporated AP2156MPG-13 Datasheet HTML 6Page - Diodes Incorporated AP2156MPG-13 Datasheet HTML 7Page - Diodes Incorporated AP2156MPG-13 Datasheet HTML 8Page - Diodes Incorporated AP2156MPG-13 Datasheet HTML 9Page - Diodes Incorporated AP2156MPG-13 Datasheet HTML 10Page - Diodes Incorporated AP2156MPG-13 Datasheet HTML 11Page - Diodes Incorporated AP2156MPG-13 Datasheet HTML 12Page - Diodes Incorporated AP2156MPG-13 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AP2146/AP2156
0.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2146/AP2156 Rev 1
9 of 17
APRIL 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Channel 1
Short Circuit with Blanking Time and Recovery
20ms/div
Channel 2
Short Circuit with Blanking Time and Recovery
20ms/div
Channel 1 Power On
1ms/div
Channel 2 Power On
1ms/div
Channel 1 UVLO Increasing
1ms/div
Channel 1 UVLO Decreasing
10ms/div
Iout
200mA/div
Vin
2V/div
Vin
2V/div
Iout
200mA/div
TA=25°C
CL=22uF
RL=10Ω
TA=25°C
CL=22uF
RL=10Ω
Vin
5V/div
Vflag
5V/div
TA=25°C
CL=22uF
RL=10Ω
Iout
200mA/div
Ven
5V/div
Vin
5V/div
Vflag
5V/div
Iout
200mA/div
Ven
5V/div
TA=25°C
CL=22uF
RL=10Ω
Iout
1A/div
Vout
5V/div
VIN=5V
TA=25°C
CL=22uF
Vflag
5V/div
Vflag
5V/div
Iout
1A/div
Vout
5V/div
VIN=5V
TA=25°C
CL=22uF


Similar Part No. - AP2156MPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2151 DIODES-AP2151 Datasheet
389Kb / 19P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2151 Rev. 6
AP2151 DIODES-AP2151 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2151 DIODES-AP2151 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2151 DIODES-AP2151 Datasheet
389Kb / 19P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP21510 DIODES-AP21510 Datasheet
916Kb / 14P
   0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
June 2015
More results

Similar Description - AP2156MPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2142SG-13 DIODES-AP2142SG-13 Datasheet
2Mb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
AP2141FMG-7 DIODES-AP2141FMG-7 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141SG-13 DIODES-AP2141SG-13 Datasheet
389Kb / 19P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2145 DIODES-AP2145 Datasheet
390Kb / 14P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2155 Rev. 1
AP2142A DIODES-AP2142A Datasheet
778Kb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32191 Rev. 2 - 2
AP2141_0906 DIODES-AP2141_0906 Datasheet
389Kb / 19P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2151 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com