Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2176MPG-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2176MPG-13
Description  1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2176MPG-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2176MPG-13 Datasheet HTML 1Page - Diodes Incorporated AP2176MPG-13 Datasheet HTML 2Page - Diodes Incorporated AP2176MPG-13 Datasheet HTML 3Page - Diodes Incorporated AP2176MPG-13 Datasheet HTML 4Page - Diodes Incorporated AP2176MPG-13 Datasheet HTML 5Page - Diodes Incorporated AP2176MPG-13 Datasheet HTML 6Page - Diodes Incorporated AP2176MPG-13 Datasheet HTML 7Page - Diodes Incorporated AP2176MPG-13 Datasheet HTML 8Page - Diodes Incorporated AP2176MPG-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP2166/AP2176
1A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2166/AP2176 Rev 1
5 of 17
APRIL 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = 25
oC, C
IN = 10μF, VIN = +5.0V, unless otherwise stated)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VUVLO
Input UVLO
Rload=1kΩ
1.6
1.9
2.5
V
ISHDN
Input Shutdown Current
Disabled, IOUT= 0
0.5
1
μA
IQ
Input Quiescent Current, Dual Enabled, IOUT= 0
95
140
μA
ILEAK
Input Leakage Current
Disabled, OUT grounded
1
μA
IREV
Reverse Leakage Current
Disabled, VIN = 0V, VOUT = 5V, IREV at VIN
1
μA
RDS(ON) Switch on-resistance
VIN = 5V, IOUT= 1A,
-40
oC≤ T
A ≤85
oC
MSOP-8L-EP
90
135
m
SOP-8L
100
135
m
VIN = 3.3V, IOUT= 1A, -40
oC≤ T
A ≤85
oC
120
160
m
ISHORT
Short-circuit current limit
Enabled into short circuit, CL=68μF
1.5
A
ILIMIT
Over-Load Current Limit
VIN = 5V, VOUT = 4.6V, CL=120μF, -40
oC≤
TA ≤85
oC
1.1
1.5
1.9
A
ITrig
Current limiting trigger
threshold
VIN = VEN, Output Current Slew rate
(<100A/s), CL=68μF
2.0
A
TSHORT Short-circuit Response Time
VOUT = 0V to IOUT = ILIMIT (short applied to
output), CL = 68μF
20
μs
VIL
EN Input Logic Low Voltage
VIN = 2.7V to 5.5V
0.8
V
VIH
EN Input Logic High Voltage
VIN = 2.7V to 5.5V
2
V
ISINK
EN Input leakage
VEN = 5V
1
μA
TD(ON)
Output turn-on delay time
CL=1μF, Rload=10Ω
0.05
ms
TR
Output turn-on rise time
CL=1μF, Rload=10Ω
0.6
1.5
ms
TD(OFF)
Output turn-off delay time
CL=1μF, Rload=10Ω
0.01
ms
TF
Output turn-off fall time
CL=1μF, Rload=10Ω
0.05
0.1
ms
RFLG
FLG output FET on-resistance IFLG =10mA
20
40
IFOH
Error Flag Off Current
VFLG=5V
0.01
1
μA
TBlank
FLG blanking time
CL=68μF
4
7
15
ms
TSHDN
Thermal shutdown threshold
Enabled, Rload=1kΩ
140
°C
THYS
Thermal shutdown hysteresis
25
°C
θ
JA
Thermal Resistance
Junction-to-Ambient
SOP-8L (Note 4)
110
oC/W
MSOP-8L-EP (Note 5)
60
oC/W
Notes:
4. Test condition for SOP-8L: Device mounted on FR-4 2-layer board, 2oz copper, with minimum recommended pad layout.
5. Test condition for MSOP-8L-EP: Device mounted on FR-4 2-layer board, 2oz copper, with minimum recommended pad on top layer and 3
vias to bottom layer ground plane.


Similar Part No. - AP2176MPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2171 DIODES-AP2171 Datasheet
389Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2171A DIODES-AP2171A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2171D DIODES-AP2171D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2171D DIODES-AP2171D Datasheet
482Kb / 17P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32250 Rev. 2 - 2
AP2171D DIODES-AP2171D Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
More results

Similar Description - AP2176MPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2172 DIODES-AP2172 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2162 DIODES-AP2162_09 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER
AP2172 Rev. 5
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
logo
Shenzhen Huazhimei Semi...
HM4610 HMSEMI-HM4610 Datasheet
937Kb / 9P
   1A Current Limited Load Switch
logo
Diodes Incorporated
AP2161 DIODES-AP2161_09 Datasheet
389Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2142SG-13 DIODES-AP2142SG-13 Datasheet
2Mb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161D_1009 DIODES-AP2161D_1009 Datasheet
482Kb / 17P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32250 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com