Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8800M8G-13 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP8800M8G-13
Description  350mA LED Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8800M8G-13 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP8800M8G-13 Datasheet HTML 3Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 4Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 5Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 6Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 7Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 8Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 9Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 10Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AP8800
350mA LED Step-Down Converter
AP8800 Rev. 1
7 of 11
MARCH 2009
www.diodes.com
© Diodes Incorporated
Inductor Selection
A 100μH inductor is recommended for most AP8800 applications with input voltage at 24V.
Figure 4 displays the resulting switching frequency varying the main circuit parameters: Supply voltage,
Inductor value and number of LEDs to be driven.
Thermal Considerations
The graph below in figure 4, gives details for power derating. This assumes the device to be mounted on a
25x25mm PCB with 1oz copper standing in still air.
Maximum Power Dissipation
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
Ambient Temperature (Deg C)
DFN3030-10
SOP8L
MSOP8L
Figure 4: Derating curve
Application Information (Continued)


Similar Part No. - AP8800M8G-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8800M8G-13 DIODES-AP8800M8G-13 Datasheet
207Kb / 13P
   350mA LED Step-down Converter
AP8800 Rev. 4
More results

Similar Description - AP8800M8G-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8800_0912 DIODES-AP8800_0912 Datasheet
207Kb / 13P
   350mA LED Step-down Converter
AP8800 Rev. 4
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
logo
ON Semiconductor
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
   350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7535 INTERSIL-EL7535_06 Datasheet
180Kb / 9P
   Monolithic 350mA Step-Down Regulator
EL7535 INTERSIL-EL7535 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
logo
HY-LINE Power Component...
P8LD035-24 HY-LINE-P8LD035-24 Datasheet
366Kb / 3P
   P8LD035-24 Step Down Driver for 350mA Power-LED
Rev: 7.12 f
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
AP8801_0912 DIODES-AP8801_0912 Datasheet
154Kb / 11P
   500mA LED Step-down Converter
AP8801 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com