Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8800M8G-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP8800M8G-13
Description  350mA LED Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8800M8G-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP8800M8G-13 Datasheet HTML 1Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 2Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 3Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 4Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 5Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 6Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 7Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 8Page - Diodes Incorporated AP8800M8G-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP8800
350mA LED Step-Down Converter
AP8800 Rev. 1
1 of 11
MARCH 2009
www.diodes.com
© Diodes Incorporated
LED driving current up to 350mA
Compatible with 12V & 24V standard systems
High efficiency up to 92%
High switching frequency up to 0.6MHz
PWM/DC input for dimming control
Built-in soft-start function
Built-in output open-circuit protection
SOP-8L, MSOP-8L and DFN3030-10 are available in
“Green” Molding Compound (No Br, Sb)
Lead Free Finish/RoHS Compliant (Note 1)
The AP8800 is a step-down DC/DC converter designed to drive
LEDs with a constant current. The device can drive up to seven
LEDs, depending on the forward voltage of the LEDs, in series
from a voltage source of 8V to 28V. Series connection of the
LEDs provides identical LED currents resulting in uniform
brightness and eliminates the need for ballast resistors. The
AP8800 switches at frequency up to 0.6MHz.
This allows the
use of small size external components, hence minimizing the
PCB area needed.
Maximum output current of AP8800 is set via an external resistor
connected between the VIN and SET input pins.
Dimming is
achieved by applying either a DC voltage or a PWM signal at the
CTRL input pin.
An input voltage of 0.2V or lower at CTRL shuts
down the output at SW and puts the device into a low-current
standby state.
Commercial & Industrial lighting
Small LCD panel backlight
Architecture Detail lighting
Appliances interior lighting
AP 8800 XX G - X
Package
Packing
S : SOP-8L
Green
7/ 13 : Tape & Reel
G : Green
M8 : MSOP-8L
FN : DFN3030-10
Device
Package
Code
Packaging
(Note 2)
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP8800SG-13
S
SOP-8L
2500/Tape & Reel
-13
AP8800M8G-13
M8
MSOP-8L
2500/Tape & Reel
-13
AP8800FNG-7
FN
DFN3030-10
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - AP8800M8G-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8800M8G-13 DIODES-AP8800M8G-13 Datasheet
207Kb / 13P
   350mA LED Step-down Converter
AP8800 Rev. 4
More results

Similar Description - AP8800M8G-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8800_0912 DIODES-AP8800_0912 Datasheet
207Kb / 13P
   350mA LED Step-down Converter
AP8800 Rev. 4
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
logo
ON Semiconductor
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
   350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7535 INTERSIL-EL7535_06 Datasheet
180Kb / 9P
   Monolithic 350mA Step-Down Regulator
EL7535 INTERSIL-EL7535 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
logo
HY-LINE Power Component...
P8LD035-24 HY-LINE-P8LD035-24 Datasheet
366Kb / 3P
   P8LD035-24 Step Down Driver for 350mA Power-LED
Rev: 7.12 f
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
AP8801_0912 DIODES-AP8801_0912 Datasheet
154Kb / 11P
   500mA LED Step-down Converter
AP8801 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com