Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77725PWP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77725PWP
Description  FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77725PWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS77725PWP Datasheet HTML 4Page - Texas Instruments TPS77725PWP Datasheet HTML 5Page - Texas Instruments TPS77725PWP Datasheet HTML 6Page - Texas Instruments TPS77725PWP Datasheet HTML 7Page - Texas Instruments TPS77725PWP Datasheet HTML 8Page - Texas Instruments TPS77725PWP Datasheet HTML 9Page - Texas Instruments TPS77725PWP Datasheet HTML 10Page - Texas Instruments TPS77725PWP Datasheet HTML 11Page - Texas Instruments TPS77725PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TPS77701, TPS77715, TPS77718, TPS77725, TPS77733 WITH RESET OUTPUT
TPS77801, TPS77815, TPS77818, TPS77825, TPS77833 WITH PG OUTPUT
FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS230A – SEPTEMBER 1999 – REVISED SEPTEMBER 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical
characteristics
over
recommended
operating
free-air
temperature
range,
Vi = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, CO = 10 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input current (EN)
EN = 0 V
–1
0
1
µA
Input current (EN)
EN = VI
–1
1
µA
TPS77733
IO = 750 mA,
TJ = 25°C
260
Dropout voltage
TPS77733
IO = 750 mA,
TJ = –40°C to 125°C
427
mV
g
(See Note 4)
TPS77833
IO = 750 mA,
TJ = 25°C
260
mV
TPS77833
IO = 750 mA,
TJ = –40°C to 125°C
427
NOTES:
3. If VO ≤ 1.8 V then Vimin = 2.7 V, Vimax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
2.7 V
100
1000
If VO ≥ 2.5 V then Vimin = VO + 1 V, Vimax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
V
O )
1V
100
1000
4. IN voltage equals VO(Typ) – 100 mV; TPS77x01 output voltage set to 3.3 V nominal with external resistor divider. TPS77x15,
TPS77x18, and TPS77x25 dropout voltage limited by input voltage range limitations (i.e., TPS77x33 input voltage needs to drop
to 3.2 V for purpose of this test).
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
2, 3, 4
VO
Output voltage
vs Free-air temperature
5, 6, 7
Ground current
vs Free-air temperature
8
Power supply ripple rejection
vs Frequency
9
Output spectral noise density
vs Frequency
10
Zo
Output impedance
vs Frequency
11
VDO
Dropout voltage
vs Input voltage
12
VDO
Dropout voltage
vs Free-air temperature
13
Line transient response
14, 16
Load transient response
15, 17
Output voltage
vs Time
18
Equivalent series resistance (ESR)
vs Output current
20 – 23


Similar Part No. - TPS77725PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77725PWP TI-TPS77725PWP Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
TPS77725PWP TI-TPS77725PWP Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS77725PWP TI1-TPS77725PWP Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77725PWPG4 TI-TPS77725PWPG4 Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
TPS77725PWPG4 TI-TPS77725PWPG4 Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
More results

Similar Description - TPS77725PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77818DR TI-TPS77818DR Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com