Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8802FNG-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP8802FNG-7
Description  1A LED Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802FNG-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP8802FNG-7 Datasheet HTML 1Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 2Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 3Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 4Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 5Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 6Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 7Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 8Page - Diodes Incorporated AP8802FNG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP8802
1A LED Step-Down Converter
AP8802 Rev. 1
5 of 13
MARCH 2009
www.diodes.com
© Diodes Incorporated
LED Current Control
The LED current is controlled by the resistor RSET in Figure 2.
Connected between VIN and SET the nominal average output current in the LED(s) is defined as:
SET
THD
LED
R
V
I
=
If the CTRL pin is driven by an external voltage (lower than 2.5V), the average LED current is:
SET
THD
REF
CTRL
LED
R
V
V
V
I
=
LED current Versus RSET and VCTRL
0.2
0.33
0.39
0.47
0.56
0.39
0.47
0.56
0.68
0.82
1
3
0.2
0.33
0.47
0.68
0.82 1
1.2
1.5
2
3
1.2
1.5
2
3
1
0.82
0.68
2
1.5
1.2
0
200
400
600
800
1000
1200
0
0.15 0.3 0.45 0.6 0.75 0.9 1.05 1.2 1.35 1.5 1.65 1.8 1.95 2.1 2.25 2.4 2.55 2.7 2.85
3
RSET value [Ohms]
LED current @
VCTRL = 1.25V
LED current @
VCTRL = 2.5V
LED current @
VCTRL = 0.625V
Figure 3: LED Current setting Vs RSET and VCTRL
Application Information


Similar Part No. - AP8802FNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8802FNG-7 DIODES-AP8802FNG-7 Datasheet
235Kb / 16P
   1A LED Step-down Converter
AP8802 Rev. 5
More results

Similar Description - AP8802FNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8802_0912 DIODES-AP8802_0912 Datasheet
235Kb / 16P
   1A LED Step-down Converter
AP8802 Rev. 5
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
   60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
   1A, 1.5MHz Step-Down Converter
VER 1.3
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com