Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN4036LK3-13 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMN4036LK3-13
Description  40V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4036LK3-13 Datasheet(HTML) 7 Page - Diodes Incorporated

  DMN4036LK3-13 Datasheet HTML 1Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 2Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 3Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 4Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 5Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 6Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 7Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DMN4036LK3
Document Revision: 1
7 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN4036LK3
Package Outline Dimensions
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min
Max
Min
Max
Min
Max
Min
Max
A
0.086
0.094
2.18
2.39
e
0.090 BSC
2.29 BSC
A1
-
0.005
-
0.127
H
0.370
0.410
9.40
10.41
b
0.020
0.035
0.508
0.89
L
0.055
0.070
1.40
1.78
b2
0.030
0.045
0.762
1.14
L1
0.108 REF
2.74 REF
b3
0.205
0.215
5.21
5.46
L2
0.020 BSC
0.508 BSC
c
0.018
0.024
0.457
0.61
L3
0.035
0.065
0.89
1.65
c2
0.018
0.023
0.457
0.584
L4
0.025
0.040
0.635
1.016
D
0.213
0.245
5.41
6.22
L5
0.045
0.060
1.14
1.52
D1
0.205
-
5.21
-
θ1°
10°
10°
E
0.250
0.265
6.35
6.73
θ°
15°
15°
E1
0.170
-
4.32
-
-
-
-
-
-


Similar Part No. - DMN4036LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3-13 DIODES-DMN4036LK3-13 Datasheet
651Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
More results

Similar Description - DMN4036LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
   40V N-channel enhancement mode MOSFET
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW85N04NF YFWDIODE-YFW85N04NF Datasheet
2Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com