Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN4036LK3-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN4036LK3-13
Description  40V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4036LK3-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN4036LK3-13 Datasheet HTML 1Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 2Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 3Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 4Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 5Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 6Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 7Page - Diodes Incorporated DMN4036LK3-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMN4036LK3
Document Revision: 1
4 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN4036LK3
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
40
V
ID = 250μA, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
0.5
μA
VDS= 40V, VGS= 0V
Gate-Source Leakage
IGSS
±100
nA
VGS= ±20V, VDS= 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
1.0
3.0
V
ID= 250μA, VDS= VGS
Static Drain-Source On-Resistance (Note 7)
RDS (ON)
0.036
VGS= 10V, ID= 12A
0.061
VGS= 4.5V, ID= 6A
Forward Transconductance (Notes 7 & 8)
gfs
19.6
S
VDS= 15V, ID= 12A
Diode Forward Voltage (Note 7)
VSD
0.96
1.1
V
IS= 12A, VGS= 0V
Reverse recovery time (Note 8)
trr
112
ns
IS= 12A, di/dt= 100A/μs
Reverse recovery charge (Note 8)
Qrr
926
nC
DYNAMIC CHARACTERISTICS (
Note 8)
Input Capacitance
Ciss
453
pF
VDS= 20V, VGS= 0V
f= 1MHz
Output Capacitance
Coss
79.1
pF
Reverse Transfer Capacitance
Crss
40.5
pF
Total Gate Charge
Qg
4.9
nC
VGS= 4.5V
VDS= 20V
ID= 12A
Total Gate Charge
Qg
9.2
nC
VGS= 10V
Gate-Source Charge
Qgs
1.7
nC
Gate-Drain Charge
Qgd
2.7
nC
Turn-On Delay Time (Note 9)
tD(on)
3.2
ns
VDD= 20V, VGS= 10V
ID= 12A, RG ≅ 6.0Ω
Turn-On Rise Time (Note 9)
tr
11.7
ns
Turn-Off Delay Time (Note 9)
tD(off)
11.6
ns
Turn-Off Fall Time (Note 9)
tf
9.5
ns
Notes:
7. Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%
8. For design aid only, not subject to production testing.
9. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - DMN4036LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3-13 DIODES-DMN4036LK3-13 Datasheet
651Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
More results

Similar Description - DMN4036LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
   40V N-channel enhancement mode MOSFET
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW85N04NF YFWDIODE-YFW85N04NF Datasheet
2Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com