Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP4051LK3 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP4051LK3
Description  40V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4051LK3 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP4051LK3 Datasheet HTML 1Page - Diodes Incorporated DMP4051LK3 Datasheet HTML 2Page - Diodes Incorporated DMP4051LK3 Datasheet HTML 3Page - Diodes Incorporated DMP4051LK3 Datasheet HTML 4Page - Diodes Incorporated DMP4051LK3 Datasheet HTML 5Page - Diodes Incorporated DMP4051LK3 Datasheet HTML 6Page - Diodes Incorporated DMP4051LK3 Datasheet HTML 7Page - Diodes Incorporated DMP4051LK3 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DMP4051LK3
Document Revision: 1
6 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMP4051LK3
Typical Characteristics - continued
0.1
1
10
0
200
400
600
800
1000
C
RSS
C
OSS
C
ISS
V
GS
= 0V
f = 1MHz
-V
DS
- Drain - Source Voltage (V)
024
68
10
12
14
0
2
4
6
8
10
V
DS
= -20V
I
D
= -12A
Gate-Source Voltage v Gate Charge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
Test Circuits
Current
regulator
Charge
Gate charge test circuit
Switching time test circuit
Basic gate charge waveform
Switching time waveforms
D.U.T
50k
0.2 F
12V
Same as
D.U.T
V
GS
V
GS
VDS
VG
QGS
QGD
QG
VGS
90%
10%
t(on)
t(on)
td(on)
tr
tr
td(off)
V
DS
V
DD
R
D
R
G
Pulse width
1 S
Duty factor 0.1%
V
DS
I
D
I
G


Similar Part No. - DMP4051LK3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
DMP4051LK3 DIODES-DMP4051LK3 Datasheet
657Kb / 9P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Diodes Incorporated
DMP4051LK3-13 DIODES-DMP4051LK3-13 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
More results

Similar Description - DMP4051LK3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
   40V P-channel enhancement mode MOSFET
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
   -40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
   -40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
logo
Diodes Incorporated
DMP4026LSSQ DIODES-DMP4026LSSQ Datasheet
573Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev: 2 - 2
logo
Pan Jit International I...
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com