Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF3040PT Datasheet(PDF) 8 Page - Texas Instruments

Part # TRF3040PT
Description  MODULATOR/SYNTHESIZER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3040PT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRF3040PT Datasheet HTML 4Page - Texas Instruments TRF3040PT Datasheet HTML 5Page - Texas Instruments TRF3040PT Datasheet HTML 6Page - Texas Instruments TRF3040PT Datasheet HTML 7Page - Texas Instruments TRF3040PT Datasheet HTML 8Page - Texas Instruments TRF3040PT Datasheet HTML 9Page - Texas Instruments TRF3040PT Datasheet HTML 10Page - Texas Instruments TRF3040PT Datasheet HTML 11Page - Texas Instruments TRF3040PT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TRF3040
MODULATOR/SYNTHESIZER
SLWS057 – AUGUST 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ac electrical characteristics VCCP = VDD = VDDA = 3.75 V, TA = 25°C (unless otherwise noted)
transmit intermediate frequency synthesizer, SSBSC converter and I/Q modulator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TXLO
±
Transmit LO input frequency
900
1100
MHz
TXLO
±
Transmit LO input power
AC coupled;
50-
Ω single-ended,
100-
Ω differential
–13
–10
dBm
TANK
±
TXIF_VCO tank differential input frequency range
155
MHz
PHSOUT
TXIF_PD charge pump output level
0.5
VDDA – 0.5
V
IPEAK
TXIF_PD charge pump current setting
RIPEAK = 13 kΩ
2.3
mA
K
φ
TXIF_PD phase gain
PLL in phase lock
1.46
mA/rad
XTAL+
XTAL oscillator input frequency
15
25
MHz
XTAL+
XTAL negative resistance
With external capacitors
–100
RCLK
Frequency range
20
MHz
RCLK,
MCLK
Output levels
RCLK, MCLK load circuit
0.7
1
1.4
VPP
MCLK
Harmonic content
10
dBc
Differential input frequency
1.8
MHz
I/I Q/Q
Differential modulation level
0.8
0.9
1.0
VPEAK
I/I, Q/Q
Differential input impedance
10
k
DC bias point
1.65
1.7
2.0
V
TXRF
TX operating frequency range
820
920
MHz
RF output frequency
SE = 1, TXEN = 1,
AMPS/DAMPS
820
853
MHz
Output power (I/Q set to typical conditions)
Open collector, matched to
200
Ω differential impedance
9
dBm
Gain flatness
1
dB
Li
it i DAMPS
d (I/Q i
h
l
l
t t
3rd order
33
36
dBc
Linearity in DAMPS mode (I/Q in phase, levels set to
nominal conditions Pout set to 8 dBm)
5th order
45
62
dBc
nominal conditions Pout set to 8 dBm)
7th order
53
70
dBc
Carrier suppression I&Qin quadrature
VGA set to Pout = 8 dBm
26
40
dBc
Carrier suppression, I & Q in quadrature
VGA set to Pout = –38 dBm
33
dBc
DUALTX
± Sideband suppression, I & Q in quadrature
25
43
dBc
Adjacent channel noise power
Ar 30 kHz offset
–95
dBc/Hz
Alternate channel noise power
At 60 kHz offset
–101
dBc/Hz
TXLO
21
33
Upper sideband
21
60
TXLO conversion products (see Note 3)
TXLO –2
×TXIF
15
dBc
TXLO
±3×TXIF
36
Harmonics
≤ 10th
21
Broadband noise (0-dB VGA or 9-dBm output,
whichever is less
869 to 894 MHz
–124
dBc/Hz
NOTE 3: Parameters may vary depending on external output matching circuit.


Similar Part No. - TRF3040PT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3520 TI-TRF3520 Datasheet
284Kb / 17P
[Old version datasheet]   GSM RF MODULATOR/DRIVER AMPLIFIER
TRF3520PFB TI-TRF3520PFB Datasheet
284Kb / 17P
[Old version datasheet]   GSM RF MODULATOR/DRIVER AMPLIFIER
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701IRHC TI-TRF3701IRHC Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
More results

Similar Description - TRF3040PT

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
PM-1100 ZORAN-PM-1100 Datasheet
65Kb / 2P
   Precision Digital Modulator/Synthesizer
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
   I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
Mitsubishi Electric Sem...
M64821FP MITSUBISHI-M64821FP Datasheet
27Kb / 1P
   1 CHIP SYNTHESIZER & MODULATOR FOR PHS
logo
RF Micro Devices
RFMD2081 RFMD-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150_06 Datasheet
350Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
Rev 3; 3/06
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
   900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
NXP Semiconductors
SA9025 PHILIPS-SA9025 Datasheet
134Kb / 23P
   900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
1997 Aug 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com