Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR10U45SD1-T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR10U45SD1-T
Description  10A SBR짰 SUPER BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR10U45SD1-T Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR10U45SD1-T Datasheet HTML 1Page - Diodes Incorporated SBR10U45SD1-T Datasheet HTML 2Page - Diodes Incorporated SBR10U45SD1-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBR10U45SD1
SBR10U45SD1
Document number: DS31350 Rev. 5 - 2
2 of 3
www.diodes.com
September 2008
© Diodes Incorporated
SBR is a re
Fig. 1 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0
0.2
0.4
0.6
0.1
0.3
0.5
0.01
0.1
1
10
100
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 2 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0.1
1
10
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
45
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
T = 125°C
A
100
1,000
10,000
100,000
Fig. 3 Total Capacitance vs. Reverse Voltage
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
Ordering Information (Note 3)
Part Number
Case
Packaging
SBR10U45SD1-T
DO-201AD
1200/Tape & Reel, 13-inch
Notes:
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
SBR10U45 = Product Type Marking Code
AB = Foundry and Assembly Code
= Manufacturers’ code marking
YWW = Date Code Marking
Y = Last digit of year ex: 8 for 2008
WW = Week code 01 to 52
gistered trademark of Diodes Incorporated


Similar Part No. - SBR10U45SD1-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U45SD1 DIODES-SBR10U45SD1_15 Datasheet
76Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR10U45SD1-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR1040CTB DIODES-SBR1040CTB Datasheet
86Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR1040 DIODES-SBR1040_15 Datasheet
168Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10120CTL DIODES-SBR10120CTL_15 Datasheet
80Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10200 DIODES-SBR10200_15 Datasheet
186Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10200CTL DIODES-SBR10200CTL_15 Datasheet
93Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U45SD1 DIODES-SBR10U45SD1_15 Datasheet
76Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U45D1Q DIODES-SBR10U45D1Q_15 Datasheet
170Kb / 5P
   SUPER BARRIER RECTIFIER 10A SBR짰
SBR10150 DIODES-SBR10150_15 Datasheet
171Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10150CTL DIODES-SBR10150CTL_15 Datasheet
96Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com