Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3102T8 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXGD3102T8
Description  ACTIVE OR?섾NG CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3102T8 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXGD3102T8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 9Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 10Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 11Page - Diodes Incorporated ZXGD3102T8 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Issue 3, January 2009
8
www.diodes.com
©Diodes Incorporated 2008
ZXGD3102T8
Typical characteristics
0
5
10
15
20
25
30
0
2
4
6
8
10
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
150
0.08
0.10
0.12
0.14
0.16
9.2
9.4
9.6
9.8
10
10.2
-50
-25
0
25
50
75
100
125
150
2.80
2.85
2.90
2.95
5.55
5.60
5.65
V
D
Switch-On Speed
Time (μs)
V
G
V
CC
=10V
R
BIAS
=3.3kΩ
R
REF
=3.9kΩ
C
BIAS
=1.0nF
C
LOAD
=3.3nF
R
LOAD
=100kΩ
V
CC
=10V
R
BIAS
=3.3kΩ
R
REF
=3.9kΩ
C
BIAS
=1.0nF
C
LOAD
=3.3nF
R
LOAD
=100kΩ
V
G
V
D
Switch-Off Speed
Time (μs)
V
CC
=10V
R
BIAS
=3.3kΩ
R
REF
=3.9kΩ C
BIAS
=1.0nF
C
LOAD
=3.3nF R
LOAD
=100kΩ
ton
toff
Speed vs Temperature
Temperature (°C)
I
OFF
Supply Current vs Temperature
V
CC
=10V
R
BIAS
=3.3kΩ
R
REF
=3.9kΩ
R
LOAD
=100kΩ
Temperature (°C)
I
ON


Similar Part No. - ZXGD3102T8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3102T8TA DIODES-ZXGD3102T8TA Datasheet
389Kb / 15P
   ACTIVE OR?섾NG CONTROLLER
More results

Similar Description - ZXGD3102T8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3102 DIODES-ZXGD3102 Datasheet
389Kb / 15P
   ACTIVE OR?섾NG CONTROLLER
ZXGD3112N7 DIODES-ZXGD3112N7 Datasheet
465Kb / 14P
   ACTIVE OR-ING MOSFET CONTROLLER
ZXGD3111N8 DIODES-ZXGD3111N8 Datasheet
576Kb / 10P
   200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8
February 2016
logo
Analog Devices
HMC981 AD-HMC981 Datasheet
871Kb / 18P
   ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
   ACTIVE BIAS CONTROLLER
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
HMC920LP5E HITTITE-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
   ACTIVE BIAS CONTROLLER
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W_07 Datasheet
174Kb / 9P
   Active Bias Controller
2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com