Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLDO1117K33TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZLDO1117K33TC
Description  1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLDO1117K33TC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZLDO1117K33TC Datasheet HTML 1Page - Diodes Incorporated ZLDO1117K33TC Datasheet HTML 2Page - Diodes Incorporated ZLDO1117K33TC Datasheet HTML 3Page - Diodes Incorporated ZLDO1117K33TC Datasheet HTML 4Page - Diodes Incorporated ZLDO1117K33TC Datasheet HTML 5Page - Diodes Incorporated ZLDO1117K33TC Datasheet HTML 6Page - Diodes Incorporated ZLDO1117K33TC Datasheet HTML 7Page - Diodes Incorporated ZLDO1117K33TC Datasheet HTML 8Page - Diodes Incorporated ZLDO1117K33TC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ZLDO1117
Issue 1
1 of 12
June 2009
www.diodes.com
©Diodes Incorporated
1A Low Dropout Positive Regulator
1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
Description
Pin Assignments
ZLDO1117 is a low dropout positive adjustable or fixed-
mode regulator with 1A output current capability.
The ZLDO1117 has a 2% tolerance across the industrial
temperature range and is guaranteed to have lower than
1.2V dropout at full load current making it ideal to provide
well-regulated outputs of 1.2V to 5.0V with input supply
voltages up to 18V.
The ZLDO1117 is ideally suited to provide well-regulated
supplies for low voltage IC applications such as high-
speed bus termination and low current 3.3V logic supply
across the whole industrial temperature range.
SOT223
TO252
Features
1.2V Maximum Dropout at Full Load Current
2% tolerance over temperature, line and load
variations
Fast Transient Response
Output Current Limiting
Built-in Thermal Shutdown
Good Noise Rejection
Suitable for use with MLCC capacitors
-40 to 125°C Junction temperature range
Available in “Green” Molding Compound (No Br, Sb)
with lead free Finish/RoHS Compliant (Note 1)
Typical Application circuit
1A I/O – 1.8V core regulator
3.3V
4.7µF
MLCC
ZLDO1117-18
1.8V
4.7µF
MLCC


Similar Part No. - ZLDO1117K33TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
ZLDO1117Q DIODES-ZLDO1117Q Datasheet
684Kb / 14P
   AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
ZLDO1117QG12TA DIODES-ZLDO1117QG12TA Datasheet
684Kb / 14P
   AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
ZLDO1117QG15TA DIODES-ZLDO1117QG15TA Datasheet
684Kb / 14P
   AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
ZLDO1117QG18TA DIODES-ZLDO1117QG18TA Datasheet
684Kb / 14P
   AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
More results

Similar Description - ZLDO1117K33TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117A TI1-REG1117A Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_1 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com