Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMHC10A07N8 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXMHC10A07N8
Description  100V SO8 Complementary enhancement mode MOSFET H-Bridge
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMHC10A07N8 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXMHC10A07N8 Datasheet HTML 3Page - Diodes Incorporated ZXMHC10A07N8 Datasheet HTML 4Page - Diodes Incorporated ZXMHC10A07N8 Datasheet HTML 5Page - Diodes Incorporated ZXMHC10A07N8 Datasheet HTML 6Page - Diodes Incorporated ZXMHC10A07N8 Datasheet HTML 7Page - Diodes Incorporated ZXMHC10A07N8 Datasheet HTML 8Page - Diodes Incorporated ZXMHC10A07N8 Datasheet HTML 9Page - Diodes Incorporated ZXMHC10A07N8 Datasheet HTML 10Page - Diodes Incorporated ZXMHC10A07N8 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ZXMHC10A07N8
Issue 1.0 - March 2009
8
© Diodes Incorporated
www.diodes.com
P-channel typical characteristics
0.1
1
10
1E-3
0.01
0.1
1
10
0.1
1
10
1E-3
0.01
0.1
1
10
34
5
0.01
0.1
1
-50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.01
0.1
1
10
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
10V
5V
4.5V
-VGS
3.5V
7V
4V
Output Characteristics
T = 25°C
-VGS
-VDS Drain-Source Voltage (V)
5V
4.5V
4V
3V
7V
10V
3.5V
Output Characteristics
T = 150°C
-VDS Drain-Source Voltage (V)
Typical Transfer Characteristics
-VDS = 10V
T = 25°C
T = 150°C
-VGS Gate-Source Voltage (V)
Normalised Curves v Temperature
RDS(on)
VGS = -10V
ID = - 0.6A
VGS(th)
VGS = VDS
ID = -250uA
Tj Junction Temperature (°C)
4.5V
10V
4V
5V
7V
3.5V
On-Resistance v Drain Current
T = 25°C
-VGS
-ID Drain Current (A)
T = 150°C
T = 25°C
Source-Drain Diode Forward Voltage
-VSD Source-Drain Voltage (V)


Similar Part No. - ZXMHC10A07N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
723Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC10A07T8TA ZETEX-ZXMHC10A07T8TA Datasheet
283Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07T8TA DIODES-ZXMHC10A07T8TA Datasheet
293Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
More results

Similar Description - ZXMHC10A07N8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMHC6A07N8 DIODES-ZXMHC6A07N8 Datasheet
737Kb / 11P
   60V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC3F381N8 DIODES-ZXMHC3F381N8 Datasheet
738Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC3A01N8 DIODES-ZXMHC3A01N8 Datasheet
727Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
logo
Zetex Semiconductors
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
DMHC10H170SFJ DIODES-DMHC10H170SFJ_15 Datasheet
292Kb / 10P
   100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC10A07T8 DIODES-ZXMHC10A07T8_15 Datasheet
723Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
DMHC10H170SFJ DIODES-DMHC10H170SFJ Datasheet
890Kb / 10P
   100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
May 2022
ZXMC10A816N8 DIODES-ZXMC10A816N8 Datasheet
188Kb / 11P
   100V SO8 Complementary Dual enhancement mode MOSFET
logo
Shenzhen Winsemi Microe...
WFS5HB03N8 WINSEMI-WFS5HB03N8 Datasheet
520Kb / 10P
   30V SO8 Complementary enhancementmode MOSFET H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com