Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMHC6A07N8TC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMHC6A07N8TC
Description  60V SO8 Complementary enhancement mode MOSFET H-Bridge
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMHC6A07N8TC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMHC6A07N8TC Datasheet HTML 1Page - Diodes Incorporated ZXMHC6A07N8TC Datasheet HTML 2Page - Diodes Incorporated ZXMHC6A07N8TC Datasheet HTML 3Page - Diodes Incorporated ZXMHC6A07N8TC Datasheet HTML 4Page - Diodes Incorporated ZXMHC6A07N8TC Datasheet HTML 5Page - Diodes Incorporated ZXMHC6A07N8TC Datasheet HTML 6Page - Diodes Incorporated ZXMHC6A07N8TC Datasheet HTML 7Page - Diodes Incorporated ZXMHC6A07N8TC Datasheet HTML 8Page - Diodes Incorporated ZXMHC6A07N8TC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ZXMHC6A07N8
Issue 1.0 - March 2009
2
© Diodes Incorporated
www.diodes.com
Absolute maximum ratings
Parameter
Symbol
N-
channel
P-
channel
Unit
Drain-Source voltage
VDSS
60
-60
V
Gate-Source voltage
VGS
±20
±20
V
Continuous Drain current @ VGS= 10V; TA=25°C
(b)
@ VGS= 10V; TA=70°C
(b)
@ VGS= 10V; TA=25°C
(a)
@ VGS= 10V; TL=25°C
(f)
ID
1.80
1.40
1.39
1.42
-1.42
-1.28
-1.28
-1.33
A
Pulsed Drain current @ VGS= 10V; TA=25°C
(c)
IDM
7.10
-6.03
A
Continuous Source current (Body diode) at TA =25°C
(b)
IS
1.00
-1.00
A
Pulsed Source current (Body diode) at TA =25°C
(c)
ISM
7.10
-6.03
A
Power dissipation at TA =25°C
(a)
Linear derating factor
PD
0.87
6.94
W
mW/
°C
Power dissipation at TA =25°C
(b)
Linear derating factor
PD
1.36
10.9
W
mW/
°C
Power dissipation at TL =25°C
(f)
Linear derating factor
PD
0.90
7.19
W
mW/
°C
Operating and storage temperature range
Tj, Tstg
-55 to 150
°C
Thermal resistance
Parameter
Symbol
Value
Unit
Junction to ambient
(a)
RθJA
144
°C/W
Junction to ambient
(b)
RθJA
92
°C/W
Junction to ambient
(d)
RθJA
106
°C/W
Junction to ambient
(e)
RθJA
254
°C/W
Junction to lead
(f)
RθJL
139
°C/W
NOTES:
(a)
For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still
air conditions with the heat-sink split into two equal areas (one for each drain connection); the device is measured when
operating in a steady-state condition with one active die.
(b)
Same as note (a), except the device is measured at t
≤ 10 sec.
(c)
Same as note (a), except the device is pulsed with D= 0.02 and pulse width 300 µs. The pulse current is limited by the
maximum junction temperature.
(d)
For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still
air conditions with the heat-sink split into two equal areas (one for each drain connection); the device is measured when
operating in a steady-state condition with one active die.
(e)
For a device surface mounted on minimum copper 1.6mm FR4 PCB, in still air conditions; the device is measured when
operating in a steady-state condition with one active die.
(f)
Thermal resistance from junction to solder-point (at the end of the drain lead); the device is operating in a steady-state
condition with one active die.


Similar Part No. - ZXMHC6A07N8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
276Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC6A07T8TA ZETEX-ZXMHC6A07T8TA Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8TA ZETEX-ZXMHC6A07T8TA Datasheet
276Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
More results

Similar Description - ZXMHC6A07N8TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMHC3F381N8 DIODES-ZXMHC3F381N8 Datasheet
738Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC3A01N8 DIODES-ZXMHC3A01N8 Datasheet
727Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC10A07N8 DIODES-ZXMHC10A07N8 Datasheet
727Kb / 11P
   100V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
DMHC6070LSD DIODES-DMHC6070LSD Datasheet
589Kb / 10P
   60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
April 2016
logo
Shenzhen Winsemi Microe...
WFS5HB03N8 WINSEMI-WFS5HB03N8 Datasheet
520Kb / 10P
   30V SO8 Complementary enhancementmode MOSFET H-Bridge
logo
Unisonic Technologies
2NNPP06 UTC-2NNPP06 Datasheet
221Kb / 6P
   60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
logo
Diodes Incorporated
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com