Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLDO1117G50TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZLDO1117G50TA
Description  1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLDO1117G50TA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZLDO1117G50TA Datasheet HTML 1Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 2Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 3Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 4Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 5Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 6Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 7Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 8Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZLDO1117
Issue 1
3 of 12
June 2009
www.diodes.com
©Diodes Incorporated
Electrical Characteristics (Under Operating Conditions)
Parameter
Conditions
TA
Min
Typ.
Max
Unit
Reference Voltage
ZLDO1117-ADJ
(VIN-VOUT) = 2V, IO = 10mA
25
1.238
1.250
1.263
V
VOUT+1.4V < VIN < 10V,
10mA < IO < 1A
FT
1.225
1.275
Output Voltage
ZLDO1117-1.2
IO = 10mA, VIN = 3.2V
25
1.188
1.200
1.212
V
0 < IO < 1A, 2.6V < VIN < 12V
FT
1.176
1.224
ZLDO1117-1.5
IO = 10mA, VIN = 3.5V
25
1.485
1.500
1.515
V
0 < IO < 1A, 2.9V < VIN < 12V
FT
1.470
1.530
ZLDO1117-1.8
IO = 10mA, VIN = 3.8V
25
1.782
1.800
1.818
V
0 < IO < 1A, 3.2V < VIN < 12V
FT
1.764
1.836
ZLDO1117-2.5
IO = 10mA, VIN = 4.5V
25
2.475
2.500
2.525
V
0 < IO < 1A, 3.9V < VIN < 12V
FT
2.450
2.550
ZLDO1117-3.3
IO = 10mA, VIN = 5.3V
25
3.267
3.300
3.333
V
0 < IO < 1A, 4.7V < VIN < 12V
FT
3.235
3.365
ZLDO1117-5.0
IO = 10mA, VIN = 7V
25
4.95
5.000
5.05
V
0 < IO < 1A, 6.4V < VIN < 12V
FT
4.900
5.100
Line Regulation
ZLDO1117-ADJ
IO = 10mA,
VOUT+1.5V<VIN<12V
25
0.1
%
FT
0.2
ZLDO1117-xx
IO = 0mA,
VOUT+1.5V<VIN<12V
25
0.1
%
FT
0.2
Load Regulation
ZLDO1117-ADJ
VIN=3.3V,VADJ=0,
10mA<IO<1A, (Note 7, 8)
25
0.2
%
FT
0.4
ZLDO1117-1.2
VIN=2.7V, 10mA < IO < 1A,
(Note 7, 8)
25
0.2
%
FT
0.4
ZLDO1117-1.5
VIN = 3V, 0 < IO < 1A,
(Note 7, 8)
25
3
mV
FT
6
ZLDO1117-1.8
VIN = 3.3V, 0 < IO < 1A,
(Note 7, 8)
25
4
mV
FT
8
ZLDO1117-2.5
VIN = 4V, 0 < IO < 1A,
(Note 7, 8)
25
5
mV
FT
10
ZLDO1117-3.3
VIN = 4.8V, 0 < IO < 1A,
(Note 7, 8)
25
6.6
mV
FT
13
ZLDO1117-5.0
VIN = 6.5V, 0 < IO < 1A,
(Note 7, 8)
25
10
mV
FT
20
Dropout Voltage
(VIN-VOUT)
ZLDO1117-
ADJ/1.2/1.5/1.8
/2.5/3.3/5.0
IO = 1A, ΔVOUT = 1%VOUT
25
1.11
1.2
V
0 ~ 125
1.3
FT
1.35
Current Limit
ZLDO1117-
ADJ/1.2/1.5/1.8
/2.5/3.3/5.0
(VIN-VOUT) = 5V
25
A
FT
1. 1
Minimum Load Current
(Note 8)
ZLDO1117-ADJ
-40°C< TJ < 125°C
2
5
mA
Quiescent current
ZLDO1117-xx
VIN < 18V, IO = 0mA
FT
4
10
mA
GND current
ZLDO1117-xx
VIN = 7V
FT
35
120
µA
Thermal Regulation
30ms pulse
25
0.1
%/W
Ripple Rejection
f = 120Hz, COUT = 25uF Tantalum,
IOUT = 100mA, ZLDO1117-XXX VIN = VOUT+3V
25
60
80
dB
Temperature Stability
IO = 10mA
0.5
%
Notes:
7.
See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction temperature by low
duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
8.
Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference between input and output
differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.


Similar Part No. - ZLDO1117G50TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
ZLDO1117Q DIODES-ZLDO1117Q Datasheet
684Kb / 14P
   AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
ZLDO1117QG12TA DIODES-ZLDO1117QG12TA Datasheet
684Kb / 14P
   AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
ZLDO1117QG15TA DIODES-ZLDO1117QG15TA Datasheet
684Kb / 14P
   AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
ZLDO1117QG18TA DIODES-ZLDO1117QG18TA Datasheet
684Kb / 14P
   AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
More results

Similar Description - ZLDO1117G50TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117A TI1-REG1117A Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_1 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com