Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8284 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8284
Description  18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8284 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8284 Datasheet HTML 6Page - Texas Instruments ADS8284 Datasheet HTML 7Page - Texas Instruments ADS8284 Datasheet HTML 8Page - Texas Instruments ADS8284 Datasheet HTML 9Page - Texas Instruments ADS8284 Datasheet HTML 10Page - Texas Instruments ADS8284 Datasheet HTML 11Page - Texas Instruments ADS8284 Datasheet HTML 12Page - Texas Instruments ADS8284 Datasheet HTML 13Page - Texas Instruments ADS8284 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ADS8284
SLAS628 – MARCH 2009................................................................................................................................................................................................... www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NO
NAME
14
VCMO
O
This pin outputs REFIN/2 and can be used to set common-mode voltage of differential analog inputs.
15
BUF-REF
O
Buffered reference output. Useful to level shift bipolar signals using external resistors.
POWER CONTROL PINS
21
PD-RBUF
I
High on this pin powers down the reference buffer (BUF-REF).
MULTIPLEXER CONTROL PINS
33
AUTO
I
High level on this pin selects auto mode for multiplexer scanning. Low level selects manual mode of multiplexer scanning
In auto mode (AUTO = 1) multiplexer channel selection is reset to CH0 on rising edge of MXCLK while C3 = 1. The pin is do
34
C3
I
not care in manual mode.
Acts as multiplexer address bit when AUTO = 0 (manual mode). In auto mode (AUTO = 1) C2 and C1 select the last
35
C2
I
multiplexer channel (channel count) in the auto scan sequence.
Acts as multiplexer address LSB when AUTO = 0 (manual mode). In auto mode (AUTO = 1) C2 and C1 select the last
36
C1
I
multiplexer channel (channel count) in the auto scan sequence.
Multiplexer channel is selected on rising edge of MXCLK irrespective of whether it is auto or manual mode. Device BUSY
37
MXCLK
I
output can be connected to MXCLK so that device selects next channel at the end of every sample.
ADC DATA BUS
8-BIT BUS
16-BIT BUS
18-BIT BUS
42-49,
Data Bus
BYTE = 0
BYTE = 1
BYTE = 1
BYTE = 0
BYTE = 0
BYTE = 0
52-61
BUS18/16 = 0
BUS18/16 = 0
BUS18/16 = 1
BUS18/16 = 0
BUS18/16 = 1
BUS18/16 = 0
42
DB17
O
D17 (MSB)
D9
All ones
D17 (MSB)
All ones
D17 (MSB)
43
DB16
O
D16
D8
All ones
D16
All ones
D16
44
DB15
O
D15
D7
All ones
D15
All ones
D15
45
DB14
O
D14
D6
All ones
D14
All ones
D14
46
DB13
O
D13
D5
All ones
D13
All ones
D13
47
DB12
O
D12
D4
All ones
D12
All ones
D12
48
DB11
O
D11
D3
D1
D11
All ones
D11
49
DB10
O
D10
D2
D0 (LSB)
D10
All ones
D10
52
DB9
O
D9
All ones
All ones
D9
All ones
D9
53
DB8
O
D8
All ones
All ones
D8
All ones
D8
54
DB7
O
D7
All ones
All ones
D7
All ones
D7
55
DB6
O
D6
All ones
All ones
D6
All ones
D6
56
DB5
O
D5
All ones
All ones
D5
All ones
D5
57
DB4
O
D4
All ones
All ones
D4
All ones
D4
58
DB3
O
D3
All ones
All ones
D3
D1
D3
59
DB2
O
D2
All ones
All ones
D2
D0 (LSB)
D2
60
DB1
O
D1
All ones
All ones
D1
All ones
D1
61
DB0
O
D0 (LSB)
All ones
All ones
D0 (LSB)
All ones
D0 (LSB)
ADC CONTROL PINS
62
BUSY
O
Status output. This pin is held high when device is converting.
64
BUS18_16
I
Bus size select input. Used for selecting 18-bit or 16-bit wide bus transfer. Refer to ADC DATA BUS description above.
1
BYTE
I
Byte Select Input. Used for 8-bit bus reading. Refer to ADC DATA BUS description above.
2
CONVST
I
Convert start. This input is active low and can act independent of the CS input.
3
RD
I
Synchronization pulse for the parallel output.
4
CS
I
Chip select.
DEVICE POWER SUPPLIES
22
VEE
Negative supply for OPA (OP1, OP2)
23, 24
VCC
Positive supply for OPA (OP1, OP2, BUF-REF)
5, 7,
13, 38,
+VA
Analog power supply.
40
6, 12,
26, 39,
AGND
Analog ground.
41
50, 63
+VBD
Digital power supply for ADC bus.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :ADS8284


Similar Part No. - ADS8284

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8284IBRGCR TI1-ADS8284IBRGCR Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
ADS8284IBRGCT TI1-ADS8284IBRGCT Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
ADS8284IRGCR TI1-ADS8284IRGCR Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
ADS8284IRGCT TI1-ADS8284IRGCT Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
ADS8284 TI1-ADS8284_14 Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
More results

Similar Description - ADS8284

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8284 TI1-ADS8284_14 Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
ADS8254 TI-ADS8254 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2367-18 LINER-LTC2367-18_15 Datasheet
1Mb / 24P
   18-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
[Old version datasheet]   ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com