Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24151AYFFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # bq24151AYFFR
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24151AYFFR Datasheet(HTML) 3 Page - Texas Instruments

  bq24151AYFFR Datasheet HTML 1Page - Texas Instruments bq24151AYFFR Datasheet HTML 2Page - Texas Instruments bq24151AYFFR Datasheet HTML 3Page - Texas Instruments bq24151AYFFR Datasheet HTML 4Page - Texas Instruments bq24151AYFFR Datasheet HTML 5Page - Texas Instruments bq24151AYFFR Datasheet HTML 6Page - Texas Instruments bq24151AYFFR Datasheet HTML 7Page - Texas Instruments bq24151AYFFR Datasheet HTML 8Page - Texas Instruments bq24151AYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
DISSIPATION RATINGS
(1)
ABSOLUTE MAXIMUM RATINGS
(1) (2)
bq24150A
bq24151A
www.ti.com ..................................................................................................................................................................................................... SLUS931 – APRIL 2009
PACKAGE DIMENSIONS
PACKAGE DEVICES
D
E
bq24150A, bq24151A
1.976 ± 0.05mm
1.946 ± 0.05mm
ORDERING INFORMATION(1)
AUTOMATIC CHARGING
PART NUMBER BIT PN0,
PART NO.
MARKING
MEDIUM
QUANTITY
(VBUS Recycled, VBAT < VLOWV,
CONTROL REGISTER 03H, BIT 3
32 Minutes Mode)
bq24150AYFFR
bq24150A
Tape and Reel
3000
Yes
1
bq24150AYFFT
bq24150A
Tape and Reel
250
Yes
1
bq24151AYFFR
bq24151A
Tape and Reel
3000
No
0
bq24151AYFFT
bq24151A
Tape and Reel
250
No
0
(1)
For the most current package information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com.
TA ≤ 25°C
DERATING FACTOR
PACKAGE
RθJA
RθJC
POWER RATING
TA > 25°C
WSCP-20 (1)
185°C/W(2)
1.57°C/W
0.54 W
0.0054 W/°C
(1)
Maximum power dissipation is a function of TJ(max), RθJA and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = [TJ(max)-TA] / RθJA.
(2)
For PCB board with only top trace layer. For PCB board with four layers (top trace layer, buried ground layer, buried signal layer and
bottom layer), R
θ
JA drops to 75.96°C/W
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VSS
Supply voltage range (with respect to PGND)
VBUS
–0.3 to 20
V
VI
Input voltage range (with respect to and PGND)
SCL, SDA, OTG, CSIN, CSOUT, AUXPWR
–0.3 to 7
V
PMID, STAT
–0.3 to 20
V
VO
Output voltage range (with respect to and PGND)
VREF
6.5
V
SW, BOOT
–0.7 to 20
V
Voltage difference between CSIN and CSOUT inputs (V(CSIN) – V(CSOUT) )
±7
V
Output sink
STAT
10
mA
IO
Output Current (average)
SW
1.25
A
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Junction temperature
–40 to 150
°C
Tstg
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
(2)
All voltages are with respect to GND if not specified. Currents are positive into, negative out of the specified terminal.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24150A bq24151A


Similar Part No. - bq24151AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24151 TI-BQ24151 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24151YFFR TI-BQ24151YFFR Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24151YFFT TI-BQ24151YFFT Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results

Similar Description - bq24151AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com