Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24350DSGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # bq24350DSGR
Description  Over-Voltage and Over-Current Charger Front-end Protection IC With Integrated Charging FET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24350DSGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button bq24350DSGR Datasheet HTML 3Page - Texas Instruments bq24350DSGR Datasheet HTML 4Page - Texas Instruments bq24350DSGR Datasheet HTML 5Page - Texas Instruments bq24350DSGR Datasheet HTML 6Page - Texas Instruments bq24350DSGR Datasheet HTML 7Page - Texas Instruments bq24350DSGR Datasheet HTML 8Page - Texas Instruments bq24350DSGR Datasheet HTML 9Page - Texas Instruments bq24350DSGR Datasheet HTML 10Page - Texas Instruments bq24350DSGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
VBAT 2V/div
VACIN=5V,VBAT =3.4Vto5V
CHGIN2V/div
I
0.5 A/div
ACIN
Time:2mS/div
0.1
1
10
100
1000
10000
0
1000
2000
3000
4000
5000
Vgs-Vchgin-Vgatdrv-mV
Q2
VCHGIN=5V,
V
-V
=200mV
CHGIN
OUT
100
150
200
250
300
350
400
450
500
550
600
-50
0
50
100
150
T -JunctionTemperature-°C
J
Q1+Q2
Q1
Q2
BACKGROUND
DETAILED FUNCTIONAL DESCRIPTION
bq24350
bq24352
www.ti.com ............................................................................................................................................................... SLUS943A – MAY 2009 – REVISED JUNE 2009
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
BATTERY OVP
Rdson vs Vgs
Figure 10.
Figure 11.
FET ON RESISTANCE vs TEMPERATURE
Figure 12.
During the charging process for portable devices, input voltage spikes usually happen when the AC/DC adaptor
is plugged in, or charge current is cut off quickly under fault conditions, such as input OVP, OCP or battery OVP
and so on. The over voltage stress may damage the analog baseband chip which has lower voltage rating due to
its increased complexity. Therefore, over voltage protection is needed for the safe operation of portable devices.
Another challenge arises from the charge circuit that uses external charging FET in series with a reverse
blocking diode as the charging device. The battery may not be fully charged when input voltage is low due to the
additional diode voltage drop. bq24350/2 will provide the solution for above problems since it has input OVP,
OCP, battery OVP function, together with integrated charging FET which will eliminate the reverse blocking diode
in the previously mentioned charge circuit, as shown in Figure 1.
The bq24350/2 is a highly integrated circuit designed to provide protection to Li-ion batteries from failures of the
charging circuit. The IC continuously monitors the input voltage and the battery voltage. In case of an input
over-voltage condition, the IC will turn off the internal power FET after a blanking time. If the battery voltage rises
to unsafe levels during charging process, power is removed from the system. If the input current exceeds the
over current threshold for a limited time, the IC will turn off the output power. The integrated charging FET can
regulate the charge voltage and current according to the control from the host. The device can also provide a
voltage source with over voltage and over current protection for host controller.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq24350 bq24352


Similar Part No. - bq24350DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24351 TI-BQ24351 Datasheet
1Mb / 18P
[Old version datasheet]   Over-Voltage and Over-Current Charger
BQ24351 TI1-BQ24351 Datasheet
1Mb / 18P
[Old version datasheet]   With Integrated Charging FET and LDO Mode
BQ24351DSGR TI1-BQ24351DSGR Datasheet
1Mb / 18P
[Old version datasheet]   With Integrated Charging FET and LDO Mode
BQ24351DSGT TI1-BQ24351DSGT Datasheet
1Mb / 18P
[Old version datasheet]   With Integrated Charging FET and LDO Mode
BQ24351 TI1-BQ24351_13 Datasheet
1Mb / 18P
[Old version datasheet]   With Integrated Charging FET and LDO Mode
More results

Similar Description - bq24350DSGR

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
   Over voltage and over current protection IC
logo
Texas Instruments
BQ24351 TI-BQ24351 Datasheet
1Mb / 18P
[Old version datasheet]   Over-Voltage and Over-Current Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com