Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24741RHDT Datasheet(PDF) 2 Page - Texas Instruments

Part # bq24741RHDT
Description  Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24741RHDT Datasheet(HTML) 2 Page - Texas Instruments

  bq24741RHDT Datasheet HTML 1Page - Texas Instruments bq24741RHDT Datasheet HTML 2Page - Texas Instruments bq24741RHDT Datasheet HTML 3Page - Texas Instruments bq24741RHDT Datasheet HTML 4Page - Texas Instruments bq24741RHDT Datasheet HTML 5Page - Texas Instruments bq24741RHDT Datasheet HTML 6Page - Texas Instruments bq24741RHDT Datasheet HTML 7Page - Texas Instruments bq24741RHDT Datasheet HTML 8Page - Texas Instruments bq24741RHDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
DESCRIPTION (CONTINUED)
VREF
RAC
0.010
Q1 (ACFET)
SI4435
Q3(BATFET)
SI4435
Controlledby
HOST
P
P
ACN
ACP
ACDET
EXTPWR
ISET
ACSET
VREF
GPIO
CELLS
CE
VDAC
VADJ
ADC
IADAPT
HOST
PVCC
HIDRV
SW
BTST
REGN
LODRV
PGND
SRP
SRN
P
PACK+
PACK-
SYSTEM
ADAPTER+
ADAPTER-
EXTPWR
AGND
bq24741
432 k
1%
66.5 k
1%
R1
R2
R3
C4
C2
C3
C5
C8
Q4_A
FDS8978
Q4_B
FDS8978
C9
L1
D1
BAT54
C10
BAT
TRICKLE
FSET
R6
97.6 k
DPMDET
R4
LPMOD
VREF
LPREF
R7
73.2 k
1%
R8
26.7 k
1%
Q2 (ACFET)
SI4435
Controlledby
HOST
C6
C15
0.1 µF
R5
C1
2
R11
2.2 µF
0.1 µF
0.1 µF
1 µF
10 k
10 k
100 pF
C14
0.1 µF
C13
0.1 µF
0.1 µF
1 µF
C11
10 µF
10µH
RSR
0.020
0.1 µF
10 µF
C7
10 µF
C12
10 µF
PowerPad
D2
BAT54
C13
100 nF
120 k
R14
ISET_PWM
VREF
102 k
1%
R12
64.9 k
1%
R13
VREF
60.4 k
1%
R9
40.2 k
1%
R10
(D=0.72,V
=VDAC)
peak
10 k
10k
R15
bq24741
SLUS875A – MARCH 2009 – REVISED MARCH 2009 ...................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The bq24741 features resistor-programmable PWM switching frequency and accurate 150mA trickle charge (with
20 m
Ω sensing resistor), which can be enabled via the TRICKLE pin. The bq24741 also features Dynamic Power
Management (DPM) and input power limiting. These features reduce battery charge current when the input
power limit is reached to avoid overloading the AC adapter when supplying the load and the battery charger
simultaneously. A high-accuracy current sense amplifier enables accurate measurement of input current from the
AC adapter, allowing monitoring the overall system power. If the adapter current is above the programmed
low-power threshold, a signal is sent to host so that the system optimizes its power performance according to
what is available from the adapter.
Text for space
Text for space
Text for space
FS = 400 kHz, 90 W Adapter, VADAPTER = 19 V, VBAT = 3-cell Li-Ion (4.2V/cell), Icharge = 3.6 A, Iadapter_limit = 4.0 A
Figure 1. Typical System Schematic, Voltage, and Current Programmed by Resistor
Text for space
Text for space
Text for space
Text for space
Text for space
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24741


Similar Part No. - bq24741RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24741 TI-BQ24741 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
More results

Similar Description - bq24741RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24741 TI-BQ24741 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
logo
Monolithic Power System...
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
   28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26053 MPS-MP26053 Datasheet
566Kb / 11P
   28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com