Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq27505YZGT-J2 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # bq27505YZGT-J2
Description  System-Side Impedance Track??Fuel Gauge
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq27505YZGT-J2 Datasheet(HTML) 4 Page - Texas Instruments

  bq27505YZGT-J2 Datasheet HTML 1Page - Texas Instruments bq27505YZGT-J2 Datasheet HTML 2Page - Texas Instruments bq27505YZGT-J2 Datasheet HTML 3Page - Texas Instruments bq27505YZGT-J2 Datasheet HTML 4Page - Texas Instruments bq27505YZGT-J2 Datasheet HTML 5Page - Texas Instruments bq27505YZGT-J2 Datasheet HTML 6Page - Texas Instruments bq27505YZGT-J2 Datasheet HTML 7Page - Texas Instruments bq27505YZGT-J2 Datasheet HTML 8Page - Texas Instruments bq27505YZGT-J2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
2.1 PIN ASSIGNMENT
CSP-12
(TOP VIEW)
A 1
A 2
A 3
B 1
B 2
C 1
C 2
C 3
D 1
D 2
D 3
B 3
A 1
A 2
A 3
B 1
B 2
B 3
C 1
C 2
C 3
D 1
D 2
D 3
CSP-12
(BOTTOMVIEW)
bq27505-J2
System-Side Impedance Track™ Fuel Gauge
SLUS924 – APRIL 2009
www.ti.com
Table 2-1. PIN FUNCTIONS
TERMINAL
TYPE(1)
DESCRIPTION
NAME
NO.
Analog input pin connected to the internal coulomb counter where SRP is nearest the PACK–
SRP
A1
IA
connection. Connect to 5-m
Ω to 20-mΩ sense resistor.
Analog input pin connected to the internal coulomb counter where SRN is nearest the Vss
SRN
B1
IA
connection. Connect to 5-m
Ω to 20-mΩ sense resistor.
Battery Low output indicator. Active high by default, though polarity can be configured through
BAT_LOW
C1
O
the [BATL_POL] bit of Operation Configuration. Push-pull output.
Vss
D1
P
Device ground
Battery-good indicator. Active-low by default, though polarity can be configured through the
BAT_GD
A2
O
[BATG_POL] bit of Operation Configuration. Push-pull output.
SOC state interrupts output. Generate a pulse under the conditions specified by Table 5-5. Open
SOC_INT
B2
I/O
drain output.
Cell-voltage measurement input. ADC input. Recommend 4.8V maximum for conversion
BAT
C2
I
accuracy.
Vcc
D2
P
Processor power input. Decouple with minimum 0.1
µF ceramic capacitor.
Slave I2C serial communications data line for communication with system (Master). Open-drain
SDA
A3
I/O
I/O. Use with 10k
Ω pull-up resistor (typical).
Slave I2C serial communications clock input line for communication with system (Master). Use
SCL
B3
I
with 10k
Ω pull-up resistor (typical).
Battery-insertion detection input. Power pin for pack thermistor network. Thermistor-multiplexer
BI/TOUT
C3
I/O
control pin. Use with pull-up resistor >1M
Ω (1.8 MΩ typical).
TS
D3
IA
Pack thermistor voltage sense (use 103AT-type thermistor). ADC input
(1)
I/O = Digital input/output, IA = Analog input, P = Power connection
4
DEVICE INFORMATION
Submit Documentation Feedback


Similar Part No. - bq27505YZGT-J2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq27505YZGT-J1 TI1-bq27505YZGT-J1 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
bq27505YZGT-J3 TI1-bq27505YZGT-J3 Datasheet
870Kb / 44P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
bq27505YZGT-J4 TI-bq27505YZGT-J4 Datasheet
520Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
bq27505YZGT-J5 TI1-bq27505YZGT-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results

Similar Description - bq27505YZGT-J2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com