Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24382DSGT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24382DSGT
Description  Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24382DSGT Datasheet(HTML) 4 Page - Texas Instruments

  BQ24382DSGT Datasheet HTML 1Page - Texas Instruments BQ24382DSGT Datasheet HTML 2Page - Texas Instruments BQ24382DSGT Datasheet HTML 3Page - Texas Instruments BQ24382DSGT Datasheet HTML 4Page - Texas Instruments BQ24382DSGT Datasheet HTML 5Page - Texas Instruments BQ24382DSGT Datasheet HTML 6Page - Texas Instruments BQ24382DSGT Datasheet HTML 7Page - Texas Instruments BQ24382DSGT Datasheet HTML 8Page - Texas Instruments BQ24382DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DEVICE INFORMATION
IN
VSS
NC
FAULT
OUT
NC
VBAT
CE
bq2438x
1
2
3
4
8
7
6
5
bq24380
bq24381
bq24382
SLUS805B – APRIL 2008 – REVISED MARCH 2009......................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
IN
1
I
Input power, connected to external DC supply. Bypass IN to VSS with a ceramic capacitor (1
µF minimum)
VSS
2
Ground terminal. Connect to the thermal pad and to the ground rail of the circuit.
NC
3, 7
Do not connect to any external circuits. These pins may have internal connections used for test purposes.
Open-drain device status output. FAULT is pulled to VSS internally when the input pass FET has been turned
FAULT
4
O
off due to input overvoltage or output short-circuit conditions, an overtemperature condition, or because the
battery voltage is outside safe limits. FAULT is high impedance during normal operation.
Active-low chip enable input. Connect CE = HI to turn the input pass FET off. Connect CE = LOW to turn the
CE
5
I
internal pass FET on and connect the input to the charging circuitry. CE is Internally pulled down, ~200 k
Ω.
VBAT
6
I
Battery voltage sense input. Connected to pack positive terminal through a 100-k
Ω resistor.
OUT
8
O
Output terminal to the charging system. Bypass OUT to VSS with a ceramic capacitor (1
µF minimum)
The thermal pad is electrically connected to VSS internally. The thermal pad must be connected to the same
Thermal PAD
potential as the VSS pin on the printed circuit board. Do not use the thermal pad as the primary ground input
for the device. VSS pin must be connected to ground at all times.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): bq24380 bq24381 bq24382


Similar Part No. - BQ24382DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24382DSGT TI1-BQ24382DSGT Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
More results

Similar Description - BQ24382DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24380 TI-BQ24380 Datasheet
786Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com