Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24382DSGT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24382DSGT
Description  Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24382DSGT Datasheet(HTML) 3 Page - Texas Instruments

  BQ24382DSGT Datasheet HTML 1Page - Texas Instruments BQ24382DSGT Datasheet HTML 2Page - Texas Instruments BQ24382DSGT Datasheet HTML 3Page - Texas Instruments BQ24382DSGT Datasheet HTML 4Page - Texas Instruments BQ24382DSGT Datasheet HTML 5Page - Texas Instruments BQ24382DSGT Datasheet HTML 6Page - Texas Instruments BQ24382DSGT Datasheet HTML 7Page - Texas Instruments BQ24382DSGT Datasheet HTML 8Page - Texas Instruments BQ24382DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ELECTRICAL CHARACTERISTICS
bq24380
bq24381
bq24382
www.ti.com......................................................................................................................................................... SLUS805B – APRIL 2008 – REVISED MARCH 2009
Over junction temperature range -40°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IN
Undervoltage lock-out, input power
UVLO
CE = LO or HI, VIN: 0 V → 3 V
2.5
2.8
V
detected threshold
Vhys(UVLO)
Hysteresis on UVLO
CE = LO or HI, VIN: 3 V → 0 V
200
300
mV
CE = LO or HI. Time measured from
tDGL(PGOOD)
Deglitch time, input power detected status
8
ms
VIN 0 V → 5 V 1-µs rise-time
bq24380
250
CE = LO, no load on OUT pin,
IDD
Operating current
bq24381
300
µA
VIN = 5 V
bq24382
300
ISTDBY
Standby current
CE = HI, VIN = 5.5 V
100
µA
INPUT-TO-OUTPUT CHARACTERISTICS
VDO
Dropout voltage IN to OUT
CE = LO, VIN = 5 V, I(OUT) = 1 A
280
mV
IOFF
Q1 off-state leakage current
CE = HI, VIN = 5.5 V
10
µA
INPUT OVERVOLTAGE PROTECTION
bq24380
5.3
5.5
5.7
VO(REG)
Output voltage
CE = LO, VIN = 6 V
bq24381
4.8
5
5.2
V
bq24382
4.8
5
5.2
bq24380
6.1
6.3
6.5
VOVP
Input overvoltage protection threshold
CE = LO, VIN: 5 V → 8 V
bq24831
6.88
7.1
7.31
V
bq24382
10.17
10.5
10.83
CE = LO or HI, VIN: 7 V → 5 V
bq24380
25
110
Vhys(OVP)
Hysteresis on OVP
bq24831
25
120
mV
CE = LO or HI, VIN: 8 V → 5 V
bq24382
150
300
tPD(OVP)
(1)
Input OV propagation delay
VIN: 5 V → 10 V
200
ns
CE = LO. Time measured from
tREC(OVP)
Recovery time from input overvoltage condition
8
ms
VIN: 7 V → 5 V, 1-µs fall-time
OUTPUT SHORT-CIRCUIT PROTECTION (only at start-up)
IO(SC)
Short-circuit detection threshold
3 V < VIN < VOVP - Vhys(OVP)
1.3
1.5
1.7
A
tREC(SC)
Retry interval if short-circuit detected
64
ms
BATTERY OVERVOLTAGE PROTECTION
BVOVP
Battery overvoltage protection threshold
VIN > 4.5 V, CE = LO
4.3
4.35
4.4
V
Vhys(BVovp)
Hysteresis on BV(OVP)
VIN > 4.5 V, CE = LO
200
320
mV
I(VBAT)
Input bias current on VBAT pin
TJ = 25°C
10
nA
VIN > 4.5 V, CE = LO, Time measured from
tDGL(BVovp)
Deglitch time, battery overvoltage detected
VVSAT rising from 4.1 V to 4.4 V to FAULT
176
µs
going low.
THERMAL PROTECTION
TJ(OFF)
Thermal shutdown temperature
140
150
°C
TJ(OFF-HYS)
Thermal shutdown hysteresis
20
°C
LOGIC LEVELS ON CE
VIL
Logic LOW input voltage
0
0.4
V
VIH
Logic HIGH input voltage
1.4
V
IIL
1
µA
IIH
VCE = 1.8 V
15
µA
LOGIC LEVELS ON FAULT
VOL
Output LOW voltage
ISINK = 5 mA
0.2
V
Ilkg
Off-state leakage current, HI-Z
VFAULT = 5 V
10
µA
(1)
Not tested. Specified by design
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24380 bq24381 bq24382


Similar Part No. - BQ24382DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24382DSGT TI1-BQ24382DSGT Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
More results

Similar Description - BQ24382DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24380 TI-BQ24380 Datasheet
786Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com