Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD242B Datasheet(PDF) 3 Page - Motorola, Inc

Part # BD242B
Description  Complementary Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD242B Datasheet(HTML) 3 Page - Motorola, Inc

  BD242B Datasheet HTML 1Page - Motorola, Inc BD242B Datasheet HTML 2Page - Motorola, Inc BD242B Datasheet HTML 3Page - Motorola, Inc BD242B Datasheet HTML 4Page - Motorola, Inc BD242B Datasheet HTML 5Page - Motorola, Inc BD242B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BD241B BD241C BD242B BD242C
3
Motorola Bipolar Power Transistor Device Data
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1.0 k
500
Z
θJC (t) = r(t) RθJC
R
θJC = 3.125°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) Z
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
SECOND BREAKDOWN
LIMITED @ TJ v 150°C
THERMAL LIMITATION @ TC = 25°C
BONDING WIRE LIMITED
CURVES APPLY BELOW
RATED VCEO
10
5.0
Figure 5. Active Region Safe Operating Area
IC, COLLECTOR CURRENT (AMP)
5.0
1.0
0.1
10
20
50
100
BD241B, BD242B
BD241C, BD242C
5.0 ms
100
µs
1.0 ms
0.2
2.0
0.5
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C, TJ(pk) may be calculated from the data in Fig-
ure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
3.0
0.03
Figure 6. Turn–Off Time
IC, COLLECTOR CURRENT (AMP)
tf @ VCC = 30 V
2.0
1.0
0.5
0.3
0.2
0.1
0.05
0.03
0.05 0.07 0.1
0.2
0.5
1.0
2.0
3.0
tf @ VCC = 10 V
IB1 = IB2
IC/IB = 10
ts
′ = ts – 1/8 tf
TJ = 25°C
ts
0.3
0.7
0.07
0.7
300
0.1
Figure 7. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
30
1.0
2.0 3.0
5.0
20 30 40
10
0.2 0.3
0.5
200
100
70
50
TJ = + 25°C
Ceb
Ccb


Similar Part No. - BD242B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD242B MOSPEC-BD242B Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
logo
Comset Semiconductor
BD242B COMSET-BD242B Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Power Innovations Ltd
BD242B POINN-BD242B Datasheet
87Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
ON Semiconductor
BD242B ONSEMI-BD242B Datasheet
155Kb / 6P
   Complementary Silicon Plastic Power Transistors 80??00 VOLTS
October, 2011 ??Rev. 8
logo
STMicroelectronics
BD242B STMICROELECTRONICS-BD242B Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
More results

Similar Description - BD242B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com