Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12LV22 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSB12LV22
Description  OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12LV22 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB12LV22 Datasheet HTML 3Page - Texas Instruments TSB12LV22 Datasheet HTML 4Page - Texas Instruments TSB12LV22 Datasheet HTML 5Page - Texas Instruments TSB12LV22 Datasheet HTML 6Page - Texas Instruments TSB12LV22 Datasheet HTML 7Page - Texas Instruments TSB12LV22 Datasheet HTML 8Page - Texas Instruments TSB12LV22 Datasheet HTML 9Page - Texas Instruments TSB12LV22 Datasheet HTML 10Page - Texas Instruments TSB12LV22 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TSB12LV22
OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
SLLS290 – JULY 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
OHCI-Lynx controller programming model (continued)
A bit description table is typically included that indicates bit field names, a detailed field description, and field
access tags. The field access tags are described in Table 2.
Table 2. Bit Field Access Tag Descriptions
ACCESS TAG
NAME
MEANING
r
read
Field may be read by software.
w
write
Field may be written by software to any value.
s
set
Field may be set by a write of one. Writes of zero have no effect.
c
clear
Field may be cleared by a write of one. Writes of zero have no effect.
u
update
Field may be autonomously updated by the OHCI-Lynx.
PCI configuration registers
The OHCI-Lynx configuration header is compliant with the PCI Specification as a standard header.Table 3
illustrates the PCI configuration header which includes both the predefined portion of the configuration space
and the user definable registers. The registers that are labeled Reserved are read only returning zero when
read, and are not applicable to the OHCI-Lynx design, or have been reserved by the PCI specification for future
use.
Table 3. PCI Configuration Register Map
REGISTER NAME
OFFSET
Device ID
Vendor ID
00h
Status
Command
04h
Class Code
Revision ID
08h
BIST
Header Type
Latency Timer
Cache Line Size
0Ch
Open HCI Registers Base Address
10h
TI Extension Registers Base Address
14h
Reserved
18h
Reserved
1Ch
Reserved
20h
Reserved
24h
Reserved
28h
Subsystem ID
Subsystem Vendor ID
2Ch
Reserved
30h
Reserved
Capabilites Pointer
34h
Reserved
38h
Max Latency
Min Grant
Interrupt Pin
Interrupt Line
3Ch
PCI OHCI Control Register
40h
Power Management Capabilities
Next Item Pointer
Capability ID
44h
PM Data
PMCSR_BSE
Power Management CSR
48h
Reserved
4C–F2h
Link_Enhancements Register
F4h
Subsytem ID Alias
Subsystem Vendor ID Alias
F8h
GPIO3
GPIO2
GPIO1
GPIO0
FCh


Similar Part No. - TSB12LV22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV22 TI1-TSB12LV22 Datasheet
586Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV22PZ TI1-TSB12LV22PZ Datasheet
586Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV22 TI1-TSB12LV22_12 Datasheet
586Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
More results

Similar Description - TSB12LV22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV26 TI1-TSB12LV26_14 Datasheet
82Kb / 6P
[Old version datasheet]   OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV26-EP TI1-TSB12LV26-EP Datasheet
472Kb / 85P
[Old version datasheet]   OHCI-LYNX PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP_14 Datasheet
476Kb / 85P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host controller
TSB12LV22 TI1-TSB12LV22_12 Datasheet
586Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV23 TI-TSB12LV23 Datasheet
342Kb / 85P
[Old version datasheet]   TSB12LV23 OHCI-Lynx PCI-Based IEEE 1394 Host Controller
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
   IEEE 1394 OHCI Controller
logo
Texas Instruments
TSB82AF15-EP TI-TSB82AF15-EP Datasheet
3Mb / 177P
[Old version datasheet]   TSB82AF15-EP PCI Express-Based IEEE 1394b OHCI Host Controller
logo
List of Unclassifed Man...
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
   PCI 1394 Host Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com