Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ32000 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ32000
Description  REAL-TIME CLOCK (RTC)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ32000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ32000 Datasheet HTML 4Page - Texas Instruments BQ32000 Datasheet HTML 5Page - Texas Instruments BQ32000 Datasheet HTML 6Page - Texas Instruments BQ32000 Datasheet HTML 7Page - Texas Instruments BQ32000 Datasheet HTML 8Page - Texas Instruments BQ32000 Datasheet HTML 9Page - Texas Instruments BQ32000 Datasheet HTML 10Page - Texas Instruments BQ32000 Datasheet HTML 11Page - Texas Instruments BQ32000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
0.7V
CC
0.3V
CC
0.7V
CC
0.3V
CC
0.7V
CC
0.3V
CC
0.7V
CC
0.3V
CC
SDA
SCL
StartCondition
SDA
SCL
StartCondition
StopCondition
8
9
t
sps
t
icf
t
icr
t
sdh
t
vd
t
vd
t
buf
D7/A
t
icf
t
icr
t
sds
t
sds
t
sth
t
sch
t
scl
1/f
scl
1
2
3
4
bq32000
SLUS900B – DECEMBER 2008 – REVISED JUNE 2009................................................................................................................................................... www.ti.com
Figure 4. I2C Timing Diagram
Table 2. I2C Timing
STANDARD MODE
FAST MODE
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
fscl
I2C clock frequency
0
100
0
400
kHz
tsch
I2C clock high time
4
0.6
µs
tscl
I2C clock low time
4.7
1.3
µs
tsp
I2C spike time
0
50
0
50
ns
tsds
I2C serial data setup time
250
100
ns
tsdh
I2C serial data hold time
0
0
ns
ticr
I2C input rise time
1000
20 + 0.1Cb
(1)
300
ns
ticf
I2C input fall time
300
20 + 0.1Cb
(1)
300
ns
tocf
I2C output fall time
300
20 + 0.1Cb
(1)
300
µs
tbuf
I2C bus free time
4.7
1.3
µs
tsts
I2C Start setup time
4.7
0.6
µs
tsth
I2C Start hold time
4
0.6
µs
tsps
I2C Stop setup time
4
0.6
µs
tvd (data)
Valid data time (SCL low to SDA valid)
1
1
µs
Valid data time of ACK
tvd (ack)
1
1
µs
(ACK signal from SCL low to SDA low)
(1)
Cb = total capacitance of one bus line in pF
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): bq32000


Similar Part No. - BQ32000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ32002 TI1-BQ32002 Datasheet
1Mb / 29P
[Old version datasheet]   BQ32002 Real-Time Clock (RTC)
BQ32002D TI1-BQ32002D Datasheet
1Mb / 29P
[Old version datasheet]   BQ32002 Real-Time Clock (RTC)
BQ32002DR TI1-BQ32002DR Datasheet
1Mb / 29P
[Old version datasheet]   BQ32002 Real-Time Clock (RTC)
More results

Similar Description - BQ32000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
[Old version datasheet]   Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
   Real-Time Clock(RTC)
logo
Texas Instruments
BQ3285ED TI1-BQ3285ED_16 Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com