Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ32000DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ32000DR
Description  REAL-TIME CLOCK (RTC)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ32000DR Datasheet(HTML) 1 Page - Texas Instruments

  BQ32000DR Datasheet HTML 1Page - Texas Instruments BQ32000DR Datasheet HTML 2Page - Texas Instruments BQ32000DR Datasheet HTML 3Page - Texas Instruments BQ32000DR Datasheet HTML 4Page - Texas Instruments BQ32000DR Datasheet HTML 5Page - Texas Instruments BQ32000DR Datasheet HTML 6Page - Texas Instruments BQ32000DR Datasheet HTML 7Page - Texas Instruments BQ32000DR Datasheet HTML 8Page - Texas Instruments BQ32000DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
bq32000
www.ti.com................................................................................................................................................... SLUS900B – DECEMBER 2008 – REVISED JUNE 2009
REAL-TIME CLOCK (RTC)
• General consumer electronics
• Automatic Switchover to Backup Supply
• I2C Interface
Supports Serial Clock up to 400 kHz
• Uses 32.768-kHz Crystal
With –63-ppm to +126-ppm Adjustment
• Integrated Oscillator-Fail Detection
• 8-Pin SOIC Package
• –40°C to 85°C Ambient Operating Temperature
The bq32000 device is a compatible replacement for industry standard real-time clocks.
The bq32000 features an automatic backup supply with integrated trickle charger. The backup supply can be
implemented using a capacitor or non-rechargeable battery. The bq32000 has a programmable calibration
adjustment from –63 ppm to +126 ppm. The bq32000 registers include an OF (oscillator fail) flag indicating the
status of the RTC oscillator, as well as a STOP bit that allows the host processor to disable the oscillator. The
time registers are normally updated once per second, and all the registers are updated at the same time to
prevent a timekeeping glitch. The bq32000 includes automatic leap-year compensation.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
SOIC – D
Reel of 2500
BQ32000DR
bq32000 xx y zzzz(3)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
xx = date code, y = assembly site, zzzz = lot code
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ32000DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ32002 TI1-BQ32002 Datasheet
1Mb / 29P
[Old version datasheet]   BQ32002 Real-Time Clock (RTC)
BQ32002D TI1-BQ32002D Datasheet
1Mb / 29P
[Old version datasheet]   BQ32002 Real-Time Clock (RTC)
BQ32002DR TI1-BQ32002DR Datasheet
1Mb / 29P
[Old version datasheet]   BQ32002 Real-Time Clock (RTC)
More results

Similar Description - BQ32000DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
[Old version datasheet]   Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
   Real-Time Clock(RTC)
logo
Texas Instruments
BQ3285ED TI1-BQ3285ED_16 Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com